データシートサーチシステム |
|
SD-502382-001 データシート(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-502382-001 データシート(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5023820470 Status: Active Description: 1.25mm (.049") Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row, Vertical, 4 Circuits Documents: 3D Model Product Specification PS-502382-001 (PDF) Application Specification (PDF) RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family PCB Receptacles Series 502382 Application Wire-to-Board MolexKits Yes Product Name CLIK-Mate™ Physical Circuits (Loaded) 4 Circuits (maximum) 4 Color - Resin Natural Durability (mating cycles max) 30 Glow-Wire Compliant No Guide to Mating Part Yes Keying to Mating Part Yes Lock to Mating Part Yes Mated Height (in) 0.307 In Mated Height (mm) 7.80 mm Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 1 Orientation Vertical PCB Locator No PCB Retention None Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.049 In Pitch - Mating Interface (mm) 1.25 mm Pitch - Term. Interface (in) 0.049 In Pitch - Term. Interface (mm) 1.25 mm Plating min: Mating (µin) 40.000 Plating min: Mating (µm) 1.00 Plating min: Termination (µin) 40.000 Plating min: Termination (µm) 1.00 Polarized to Mating Part Yes Polarized to PCB No Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -25°C to +85°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 1A Voltage - Maximum 50V AC (RMS)/DC Material Info Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 502382Series Mates With 502380 Crimp Housing |
同様の部品番号 - SD-502382-001 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |