データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93071-4001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 93071-4001
部品情報  5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 6 Circuits, Reference K00, Glow Wire Compatible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

93071-4001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  93071-4001 Datasheet HTML 1Page - Molex Electronics Ltd. 93071-4001 Datasheet HTML 2Page - Molex Electronics Ltd. 93071-4001 Datasheet HTML 3Page - Molex Electronics Ltd. 93071-4001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0930714001
Status:
Active
Overview:
rast_25_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 6 Circuits, Reference K00,
Glow Wire Compatible
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
93071
Application
Wire-to-Board
Overview
rast_25_connector_system
Product Name
RAST 2.5
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Natural
Durability (mating cycles max)
10
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Yes
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Thickness Recommended (in)
0.059 In
PCB Thickness Recommended (mm)
1.50 mm
Packaging Type
Carton
Pitch - Mating Interface (in)
0.196 In
Pitch - Mating Interface (mm)
5.00 mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
6A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
93071Series


同様の部品番号 - 93071-4001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
93071-0001 MOLEX-93071-0001 Datasheet
434Kb / 2P
   RAST 2.5 Vertical Male Headers 2.50 and 5.00mm
93071-0001 MOLEX11-93071-0001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 2 Circuits, Reference K00, Glow Wire Compatible
93071-1001 MOLEX-93071-1001 Datasheet
434Kb / 2P
   RAST 2.5 Vertical Male Headers 2.50 and 5.00mm
93071-1001 MOLEX11-93071-1001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow Wire Compatible
93071-1004 MOLEX11-93071-1004 Datasheet
198Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com