データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12027 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL12027
部品情報  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12027 データシート(HTML) 2 Page - Intersil Corporation

  ISL12027_10 Datasheet HTML 1Page - Intersil Corporation ISL12027_10 Datasheet HTML 2Page - Intersil Corporation ISL12027_10 Datasheet HTML 3Page - Intersil Corporation ISL12027_10 Datasheet HTML 4Page - Intersil Corporation ISL12027_10 Datasheet HTML 5Page - Intersil Corporation ISL12027_10 Datasheet HTML 6Page - Intersil Corporation ISL12027_10 Datasheet HTML 7Page - Intersil Corporation ISL12027_10 Datasheet HTML 8Page - Intersil Corporation ISL12027_10 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
FN8232.8
August 12, 2010
Pin Descriptions
PIN NUMBER
SYMBOL
BRIEF DESCRIPTION
SOIC
TSSOP
1
3
X1
The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external
32.768kHz quartz crystal. X1 can also be driven directly from a 32.768kHz source.
2
4
X2
The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external
32.768kHz quartz crystal.
3
5
RESET
RESET. This is a reset signal output. This signal notifies a host processor that the “watchdog” time period
has expired or that the voltage has dropped below a fixed VTRIP threshold. It is an open drain active LOW
output. Recommended value for the pull-up resistor is 5k
Ω. If unused, connect to ground.
4
6
GND
Ground.
5
7
SDA
Serial Data (SDA) is a bidirectional pin used to transfer serial data into and out of the device. It has an
open drain output and may be wire OR’ed with other open drain or open collector outputs.
6
8
SCL
The Serial Clock (SCL) input is used to clock all serial data into and out of the device. The input buffer on
this pin is always active (not gated).
71
VBAT
This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event
that the VDD supply fails. This pin should be tied to ground if not used.
82
VDD
Power Supply.
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
VBAT TRIP POINT
(V)
BSW BIT DEFAULT
SETTING
VRESET
VOLTAGE
(V)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL12027IB27Z
12027 IB27Z
VDD < VBAT
BSW = 1
2.63
-40 to +85
8 Ld SOIC
M8.15
ISL12027IB27AZ
12027 IB27AZ
VDD < VBAT
BSW = 1
2.92
-40 to +85
8 Ld SOIC
M8.15
ISL12027IB30AZ
12027 IB30AZ
VDD < VBAT
BSW = 1
3.09
-40 to +85
8 Ld SOIC
M8.15
ISL12027IBZ
12027 IBZ
VDD < VBAT
BSW = 1
4.38
-40 to +85
8 Ld SOIC
M8.15
ISL12027IBAZ
12027 IBAZ
VDD < VBAT
BSW = 1
4.64
-40 to +85
8 Ld SOIC
M8.15
ISL12027IV27Z
2027 I27Z
VDD < VBAT
BSW = 1
2.63
-40 to +85
8 Ld TSSOP
M8.173
ISL12027IV27AZ
2027 27AZ
VDD < VBAT
BSW = 1
2.92
-40 to +85
8 Ld TSSOP
M8.173
ISL12027IV30AZ
2027 30AZ
VDD < VBAT
BSW = 1
3.09
-40 to +85
8 Ld TSSOP
M8.173
ISL12027IVZ
2027 IVZ
VDD < VBAT
BSW = 1
4.38
-40 to +85
8 Ld TSSOP
M8.173
ISL12027IVAZ
2027 IVAZ
VDD < VBAT
BSW = 1
4.64
-40 to +85
8 Ld TSSOP
M8.173
ISL12027AIB27Z
12027A IB27Z
VDD < VBAT
BSW = 0
2.63
-40 to +85
8 Ld SOIC
M8.15
ISL12027AIV27Z
2027A I27Z
VDD < VBAT
BSW =0
2.63
-40 to +85
8 Ld TSSOP
M8.173
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL12027, ISL12027A. For more information on MSL please see
techbrief TB363.
ISL12027, ISL12027A


同様の部品番号 - ISL12027_10

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12027A RENESAS-ISL12027A Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
ISL12027AIB27Z RENESAS-ISL12027AIB27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
ISL12027AIV27Z RENESAS-ISL12027AIV27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027IB27AZ INTERSIL-ISL12027IB27AZ Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027IB27AZ RENESAS-ISL12027IB27AZ Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
More results

同様の説明 - ISL12027_10

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com