データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RZ01-1A4-D005 データシート(PDF) 4 Page - Tyco Electronics

部品番号 RZ01-1A4-D005
部品情報  Power PCB Relay RZ
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

RZ01-1A4-D005 データシート(HTML) 4 Page - Tyco Electronics

  RZ01-1A4-D005 Datasheet HTML 1Page - Tyco Electronics RZ01-1A4-D005 Datasheet HTML 2Page - Tyco Electronics RZ01-1A4-D005 Datasheet HTML 3Page - Tyco Electronics RZ01-1A4-D005 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Datasheet Rev. IK1
Issued 2009/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
Power PCB Relay RZ (Continued)
4
SCHRACK
Product key
Version
Contacts
Contact material
Coil
Part number
RZ01-1A3-D005
12A
1 NO (form A)
AgSnO2
5 VDC
3-1415899-7
RZ01-1A3-D006
pinning 3.5 mm
6 VDC
3-1415899-8
RZ01-1A3-D012
flux proof
12 VDC
3-1415899-9
RZ01-1A3-D024
24 VDC
4-1415899-0
RZ01-1A3-D048
48 VDC
4-1415899-1
RZ01-1A4-D005
AgNi 90/10
5 VDC
1415899-1
RZ01-1A4-D006
6 VDC
1415899-2
RZ01-1A4-D009
9 VDC
1415899-3
RZ01-1A4-D012
12 VDC
1415899-4
RZ01-1A4-D024
24 VDC
1415899-5
RZ01-1A4-D048
48 VDC
1415899-6
RZ01-1C3-D005
1 CO (form C)
AgSnO2
5 VDC
4-1415899-2
RZ01-1C3-D006
6 VDC
4-1415899-3
RZ01-1C3-D012
12 VDC
4-1415899-4
RZ01-1C3-D024
24 VDC
4-1415899-5
RZ01-1C3-D048
48 VDC
4-1415899-6
RZ01-1C4-D005
AgNi 90/10
5 VDC
1415899-7
RZ01-1C4-D006
6 VDC
1415899-8
RZ01-1C4-D009
9 VDC
1415899-9
RZ01-1C4-D012
12 VDC
1-1415899-0
RZ01-1C4-D024
24 VDC
1-1415899-1
RZ01-1C4-D048
48 VDC
1-1415899-2
RZ03-1A3-D005
16A
1 NO (form A)
AgSnO2
5 VDC
4-1415899-7
RZ03-1A3-D006
pinning 5 mm
6 VDC
4-1415899-8
RZ03-1A3-D012
flux proof
12 VDC
4-1415899-9
RZ03-1A3-D024
24 VDC
5-1415899-0
RZ03-1A3-D048
48 VDC
5-1415899-1
RZ03-1A4-D005
AgNi 90/10
5 VDC
1-1415899-3
RZ03-1A4-D006
6 VDC
1-1415899-4
RZ03-1A4-D009
9 VDC
1-1415899-5
RZ03-1A4-D012
12 VDC
1-1415899-6
RZ03-1A4-D024
24 VDC
1-1415899-7
RZ03-1A4-D048
48 VDC
1-1415899-8
RZ03-1C3-D005
1 CO (form C)
AgSnO2
5 VDC
5-1415899-2
RZ03-1C3-D006
6 VDC
5-1415899-3
RZ03-1C3-D012
12 VDC
5-1415899-4
RZ03-1C3-D024
24 VDC
5-1415899-5
RZ03-1C3-D048
48 VDC
5-1415899-6
RZ03-1C4-D005
AgNi 90/10
5 VDC
1-1415899-9
RZ03-1C4-D006
6 VDC
2-1415899-0
RZ03-1C4-D009
9 VDC
2-1415899-1
RZ03-1C4-D012
12 VDC
2-1415899-2
RZ03-1C4-D024
24 VDC
2-1415899-3
RZ03-1C4-D048
48 VDC
2-1415899-4
RZH3-1C4-D012
16A, 105°C
12 VDC
2-1415899-5
RZH3-1C4-D024
pinning 5 mm
24 VDC
2-1415899-6
RZH3-1A4-D009
flux proof
1 NO (form A)
9 VDC
2-1415899-7
RZH3-1A4-D012
12 VDC
2-1415899-8
RZH3-1A4-D024
24 VDC
2-1415899-9


同様の部品番号 - RZ01-1A4-D005

メーカー部品番号データシート部品情報
logo
Vishay Barry
RZ0805CB-1000FN-2S BARRY-RZ0805CB-1000FN-2S Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
RZ0805CB-1000FN-83 BARRY-RZ0805CB-1000FN-83 Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
RZ0805CB-1000FN-98 BARRY-RZ0805CB-1000FN-98 Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
RZ0805CB-1000GN-2S BARRY-RZ0805CB-1000GN-2S Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
RZ0805CB-1000GN-83 BARRY-RZ0805CB-1000GN-83 Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
More results

同様の説明 - RZ01-1A4-D005

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com