データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RZ03-1C3-D048 データシート(PDF) 1 Page - Tyco Electronics

部品番号 RZ03-1C3-D048
部品情報  Power PCB Relay RZ
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

RZ03-1C3-D048 データシート(HTML) 1 Page - Tyco Electronics

  RZ03-1C3-D048 Datasheet HTML 1Page - Tyco Electronics RZ03-1C3-D048 Datasheet HTML 2Page - Tyco Electronics RZ03-1C3-D048 Datasheet HTML 3Page - Tyco Electronics RZ03-1C3-D048 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet Rev. IK1
Issued 2009/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Power PCB Relay RZ
n 1 pole 12 / 16 A, 1 CO or 1 NO contact
n DC-coil 400 mW
n 5 kV / 10 mm coil-contact, reinforced insulation
n Ambient temperature 85°C, HOT version for 105°C
n Product in accordance to IEC60335-1
Applications
Household appliances, boiler control, timers, garage door
control, POS automation
F0305-A
Approvals
V REG.-Nr. C693, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1 NO contact
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
12 A
16 A
Maximum breaking capacity AC
3000 VA
4000 VA
Contact material
AgNi 90/10 or AgSnO
Rated frequency of operation with / without load
6 / 1200 min-1
Operate- / release time DC coil
max 8 / 6 ms
Bounce time NO / NC contact
max 4 / 6 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
RZ03-1.4-D...
NO
16 A, 250 VAC
85°C
30x103
RZ03-1C4-D...
CO
16 A, 250 VAC
85°C
10x103
RZ03-1.4-D...
NO
16 A, 250 VAC
70°C
50x103
RZ01-1.4-D...
NO
12 A, 250 VAC
85°C
50x103
RZ01-1C4-D...
CO
12 A, 250 VAC
85°C
30x103
RZ01-1.4-D...
NO
12 A, 250 VAC
70°C
100x103
RZH3-1.4-D...
NO
10 A, 250 VAC
105°C
100x103
RZH3-1C4-D...
CO
16 A, 250 VAC
105°C
10x103
UL 508
RZ03-1.4-D...
NO
B300
85°C
6x103
RZ03-1.4-D...
NO
R300
85°C
6x103
RZ03-1.4-D...
NO
1/2 hp, 125 VAC
85°C
6x103
RZ03-1.4-D...
NO
1 hp, 277 VAC
85°C
6x103
RZH3-1.4-D...
NO
10 A, 250 VAC
105°C
150x103
Approvals in process
RZ03-1.3-D...
NO
16 A, 250 VAC
85°C
50x103
RZ03-1.3-D...
CO
16 A, 250 VAC
85°C
10x103
RZ03-1.3-D...
NO
1 hp, 277 VAC
85°C
30x103
Coil data
Rated coil voltage range
5...48 VDC
Operative range to IEC 61810 standard / HOT-version
2 / 90...110% URTD
Coil insulation system according UL1446
class F


同様の部品番号 - RZ03-1C3-D048

メーカー部品番号データシート部品情報
logo
Vishay Barry
RZ0805CB-1000FN-2S BARRY-RZ0805CB-1000FN-2S Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
RZ0805CB-1000FN-83 BARRY-RZ0805CB-1000FN-83 Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
RZ0805CB-1000FN-98 BARRY-RZ0805CB-1000FN-98 Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
RZ0805CB-1000GN-2S BARRY-RZ0805CB-1000GN-2S Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
RZ0805CB-1000GN-83 BARRY-RZ0805CB-1000GN-83 Datasheet
183Kb / 1P
   BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
More results

同様の説明 - RZ03-1C3-D048

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com