データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28136 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28136
部品情報  5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28136 データシート(HTML) 1 Page - Intersil Corporation

  ISL28136 Datasheet HTML 1Page - Intersil Corporation ISL28136 Datasheet HTML 2Page - Intersil Corporation ISL28136 Datasheet HTML 3Page - Intersil Corporation ISL28136 Datasheet HTML 4Page - Intersil Corporation ISL28136 Datasheet HTML 5Page - Intersil Corporation ISL28136 Datasheet HTML 6Page - Intersil Corporation ISL28136 Datasheet HTML 7Page - Intersil Corporation ISL28136 Datasheet HTML 8Page - Intersil Corporation ISL28136 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6153.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28136, ISL28236
5MHz, Single and Dual Precision Rail-to-
Rail Input-Output (RRIO) Op Amps
The ISL28136 and ISL28236 are low-power single and dual
operational amplifiers optimized for single supply operation
from 2.4V to 5.5V, allowing operation from one lithium cell or
two Ni-Cd batteries. These devices feature a gain-bandwidth
product of 5MHz and are unity-gain stable with a -3dB
bandwidth of 13MHz.
These devices feature an Input Range Enhancement Circuit
(IREC), which enables them to maintain CMRR performance
for input voltages greater than the positive supply. The input
signal is capable of swinging 0.25V above the positive
supply and to the negative supply with only a slight
degradation of the CMRR performance. The output
operation is rail-to-rail.
The parts typically draw less than 1mA supply current per
amplifier while meeting excellent DC accuracy, AC
performance, noise and output drive specifications.
Operation is guaranteed over -40°C to +125°C temperature
range.
Features
• 5MHz Gain bandwidth product @ AV = 100
• 13MHz -3db unity gain bandwidth
• 900µA typical supply current (per amplifier)
• 150µV maximum offset voltage (8 Ld SOIC)
• 16nA typical input bias current
• Down to 2.4V single supply voltage range
• Rail-to-rail input and output
• Enable pin (ISL28136 only)
• -40°C to +125°C operation
• Pb-free (RoHS compliant)
Applications
• Low-end audio
• 4mA to 20mA current loops
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
Pinouts
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28136FHZ-T7*
GABP
6 Ld SOT-23
MDP0038
ISL28136FHZ-T7A*
GABP
6 Ld SOT-23
MDP0038
ISL28136FBZ
28136 FBZ
8 Ld SOIC
MDP0027
ISL28136FBZ-T7*
28136 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28236FBZ
28236 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28236FBZ-T7*
28236 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28236FUZ
8236Z
8 Ld MSOP
MDP0043
Coming Soon
ISL28236FUZ-T7*
8236Z
8 Ld MSOP
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
ISL28136
(6 LD SOT-23)
TOP VIEW
ISL28136
(8 LD SOIC)
TOP VIEW
ISL28236
(8 LD SOIC)
TOP VIEW
ISL28236
(8 LD MSOP)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
EN
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
EN
V+
OUT
V-
NC
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
Data Sheet
February 11, 2008


同様の部品番号 - ISL28136

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28136 INTERSIL-ISL28136 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28136EVAL1Z RENESAS-ISL28136EVAL1Z Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28136FBZ INTERSIL-ISL28136FBZ Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136FBZ RENESAS-ISL28136FBZ Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
More results

同様の説明 - ISL28136

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com