データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22444WFV20Z データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL22444WFV20Z
部品情報  Quad Digitally Controlled Potentiometer XDCP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22444WFV20Z データシート(HTML) 3 Page - Intersil Corporation

  ISL22444WFV20Z Datasheet HTML 1Page - Intersil Corporation ISL22444WFV20Z Datasheet HTML 2Page - Intersil Corporation ISL22444WFV20Z Datasheet HTML 3Page - Intersil Corporation ISL22444WFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22444WFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22444WFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22444WFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22444WFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22444WFV20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN6426.0
May 24, 2007
Pin Descriptions
TSSOP PIN
QFN PIN
SYMBOL
DESCRIPTION
1
19
RH3
“High” terminal of DCP3
2
20
RL3
“Low” terminal of DCP3
3
1
RW3
“Wiper” terminal of DCP3
4
2
NC
No connection
5
3
SCK
SPI interface clock input
6
4
SDO
Data Output of the SPI serial interface
7
5
GND
Device ground pin
8
6
RW2
“Wiper” terminal of DCP2
9
7
RL2
“Low” terminal of DCP2
10
8
RH2
“High” terminal of DCP2
11
9
RW1
“Wiper” terminal of DCP1
12
10
RL1
“Low” terminal of DCP1
13
11
RH1
“High” terminal of DCP1
14
12
CS
Chip Select active low input
15
13
SDI
Data Input of the SPI serial interface
16
14
VCC
Positive power supply pin
17
15
V-
Negative power supply pin
18
16
RH0
“High” terminal of DCP0
19
17
RL0
“Low” terminal of DCP0
20
18
RW0
“Wiper” terminal of DCP0
EPAD*
Exposed Die Pad internally connected to V-
* Note: PCB thermal land for QFN EPAD should be connected to V- plane or left floating. For more information refer to
http://www.intersil.com/data/tb/TB389.pdf
ISL22444


同様の部品番号 - ISL22444WFV20Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL22444WFV20Z RENESAS-ISL22444WFV20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
More results

同様の説明 - ISL22444WFV20Z

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com