データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22449WFV14Z データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL22449WFV14Z
部品情報  Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22449WFV14Z データシート(HTML) 2 Page - Intersil Corporation

  ISL22449WFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6333.3
July 17, 2009
Block Diagram
SPI
INTERFACE
VCC
GND
RW0
RW1
RW2
RW3
SCK
SDI
SDO
CS
WR3
WR2
WR1
WR0
SHDN
VCC
POWER UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS
VCC
VCC
VCC
Pin Descriptions
TSSOP PIN
SYMBOL
DESCRIPTION
1
RW3
“Wiper” terminal of DCP3
2NC
3
SCK
SPI clock input
4
SDO
SPI open drain data output
5
GND
Device ground pin and the RL connection for each DCP
6
RW2
“Wiper” terminal of DCP2
7
RW1
“Wiper” terminal of DCP1
8NC
9CS
SPI Chip Select active low input
10
SDI
SPI data input
11
NC
12
VCC
Power supply pin and the RH connection for each DCP
13
SHDN
Shutdown active low input
14
RW0
“Wiper” terminal of DCP0
ISL22449


同様の部品番号 - ISL22449WFV14Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22449WFV14Z INTERSIL-ISL22449WFV14Z Datasheet
356Kb / 12P
   Quad Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL22449WFV14Z RENESAS-ISL22449WFV14Z Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
More results

同様の説明 - ISL22449WFV14Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
logo
Renesas Technology Corp
ISL22449 RENESAS-ISL22449 Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
ISL22419 RENESAS-ISL22419 Datasheet
828Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 RENESAS-ISL22429 Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com