データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22512WFRU10Z-TK データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL22512WFRU10Z-TK
部品情報  Single Push Button Controlled Potentiometer XDCP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22512WFRU10Z-TK データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL22512WFRU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 10Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6679.0
March 24, 2008
Shutdown Mode
The ISL22512 enters into Shutdown Mode if both PU and
PD inputs are kept LOW for 2 seconds. In this mode, the
resistors array is totally disconnected from its RH pin and the
wiper is moved to position closest to RL pin, as shown in
Figure 13. Note, that PU and PD inputs must be pulled LOW
within tDB time window of 15ms, see “Shutdown Mode
Timing” on page 5. Otherwise all command will be ignored till
both inputs will be released.
Holding either PU , PD or ASE input LOW for more than
15ms will exit shutdown mode and return wiper to prior
shutdown position. If PU or PD will be held LOW for more
than 250ms, the ISL22512 will start auto-increment or
auto-decrement of wiper position.
RTOTAL with VCC Removed
The end- to-end resistance of the array will fluctuate once
VCC is removed.
RL
RW
RH
FIGURE 13. DCP CONNECTION IN SHUTDOWN MODE
ISL22512


同様の部品番号 - ISL22512WFRU10Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22512WFRU10Z-TK INTERSIL-ISL22512WFRU10Z-TK Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
logo
Renesas Technology Corp
ISL22512WFRU10Z-TK RENESAS-ISL22512WFRU10Z-TK Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
More results

同様の説明 - ISL22512WFRU10Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com