データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA5420AMZ データシート(PDF) 4 Page - Intersil Corporation

部品番号 CA5420AMZ
部品情報  0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5420AMZ データシート(HTML) 4 Page - Intersil Corporation

  CA5420AMZ Datasheet HTML 1Page - Intersil Corporation CA5420AMZ Datasheet HTML 2Page - Intersil Corporation CA5420AMZ Datasheet HTML 3Page - Intersil Corporation CA5420AMZ Datasheet HTML 4Page - Intersil Corporation CA5420AMZ Datasheet HTML 5Page - Intersil Corporation CA5420AMZ Datasheet HTML 6Page - Intersil Corporation CA5420AMZ Datasheet HTML 7Page - Intersil Corporation CA5420AMZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN1925.6
December 8, 2009
Output Voltage
VOM+RL =
4.85
4.94
-
V
VOM-
-
0.13
0.15
V
VOM+RL = 10kΩ
4.7
4.9
-
V
VOM-
-
0.12
0.15
V
VOM+RL = 2kΩ
3.5
4.6
-
V
VOM--
0.1
0.15
V
Supply Current
ISUPPLY
VO = 0V
-
400
500
µ
A
VO = 2.5V
-
430
550
µ
A
Electrical Specifications
TA = +25°C, V+ = 5V, V- = 0, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5420A
UNITS
MIN
TYP
MAX
Electrical Specifications
TA = -55°C to +125°C, V+ = 5V, V- = 0, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5420A
UNITS
MIN
(Note 6)
TYP
MAX
(Note 6)
Input Offset Voltage
VIO
VO = 2.5V
-
2
10
mV
Input Offset Current
IIO
VO = 2.5V
-
1.5
3
nA
Up to TA = +85°C
-
2
10
pA
Input Current
|II|
VO = 2.5V
-
2
5
nA
Up to TA = +85°C
-10
15
pA
Common Mode Rejection Ratio
CMRR
VCM = 0 to 3.7V,
VO = 2.5V
70
80
-
dB
Common Mode Input Voltage Range
VlCR+VO = 2.5V
3.7
4
-
V
VlCR-
-
-0.3
0
V
Power Supply Rejection Ratio
PSRR
ΔV+ = 1V;
ΔV- = 1V
70
83
-
dB
Large Signal Voltage Gain
AOL
VO = 0.5 to 4V
RL =
65
75
-
dB
VO = 0.7 to 4V
RL = 10kΩ
80
87
-
dB
VO = 0.7 to 2.5V
RL = 2kΩ
75
80
-
dB
Source Current
ISOURCE
VO = 0V
1
2.7
-
mA
Sink Current
ISINK
VO = 5V
1
2.1
-
mA
Output Voltage
VOM+RL =
4.8
4.9
-
V
VOM-
-
0.16
0.2
V
VOM+RL = 10kΩ
4.7
4.9
-
V
VOM-
-
0.15
0.2
V
VOM+RL = 2kΩ
34
-
V
VOM-
-
0.14
0.2
V
Supply Current
ISUPPLY
VO = 0V
-
430
550
µ
A
VO = 2.5V
-
480
600
µ
A
CA5420A


同様の部品番号 - CA5420AMZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA5420AMZ INTERSIL-CA5420AMZ Datasheet
213Kb / 7P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Renesas Technology Corp
CA5420AMZ RENESAS-CA5420AMZ Datasheet
558Kb / 9P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
More results

同様の説明 - CA5420AMZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA5420A RENESAS-CA5420A Datasheet
558Kb / 9P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A_05 Datasheet
213Kb / 7P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
CA3420 INTERSIL-CA3420 Datasheet
78Kb / 6P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
April 2000
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420 INTERSIL-CA3420_05 Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Analog Devices
PM208 AD-PM208_15 Datasheet
1Mb / 4P
   LOW INPUT CURRENT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF155A LINER-LF155A Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com