データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28005FH-20EVAL1Z データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL28005FH-20EVAL1Z
部品情報  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH-20EVAL1Z データシート(HTML) 4 Page - Intersil Corporation

  ISL28005FH-20EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6973.2
May 27, 2010
Absolute Maximum Ratings
Thermal Information
Max Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . ..28V
Max Differential Input Current . . . . . . . . . . . . . . . . .20mA
Max Differential Input Voltage . . . . . . . . . . . . . . . . . .±0.5V
Max Input Voltage (RS+, RS-) . . . . . . . . . GND-0.5V to 30V
Max Input Current for Input Voltage <GND -0.5V . . .±20mA
Output Short-Circuit Duration . . . . . . . . . . . . . . . Indefinite
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . 1.5kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
5 Ld SOT-23 (Notes 5, 6) . . . . . . .
190
90
Maximum Storage Temperature Range . . . -65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
6. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VOS
Input Offset Voltage
(Notes 8, 9)
VCC = VRS+ = 12V,
VS = 20mV to = 100mV
-500
-500
60
500
500
µV
VCC = 12V, VRS+ = 0.2V, VS = 20mV,
VS = 100mV
-3
-3.3
-1.2
3
3.3
mV
IRS+, IRS -
Leakage Current
VCC = 0V, VRS+ = 28V
0.041
1.2
1.5
µA
IRS+
Gain = 100 + Input Bias Current
VRS+ = 2V, VSENSE = 5mV
4.7
6
7
µA
VRS+ = 0V, VSENSE = 5mV
-500
-600
-425
nA
Gain = 50, Gain = 20 +Input Bias
Current
VRS+ = 2V, VSENSE = 5mV
4.7
6
8
µA
VRS+ = 0V, VSENSE = 5mV
-700
-840
-432
nA
IRS -
Input Bias Current
VRS+ = 2V, VSENSE = 5mV
5
50
75
nA
VRS+ = 0V, VSENSE = 5mV
-125
-130
-45
nA
CMRR
Common Mode Rejection Ratio
VRS+ = 2V to 28V
105
115
dB
PSRR
Power Supply Rejection Ratio
VCC = 2.7V to 28V, VRS+ = 2V
90
105
dB
VFS
Full-scale Sense Voltage
VCC = 28V, VRS+ = 0.2V, 12V
200
mV
GGain
(Note 8)
ISL28005-100
100
V/V
ISL28005-50
50
V/V
ISL28005-20
20
V/V
ISL28005


同様の部品番号 - ISL28005FH-20EVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28005FH-20EVAL1Z INTERSIL-ISL28005FH-20EVAL1Z Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005FH-20EVAL1Z INTERSIL-ISL28005FH-20EVAL1Z Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH-20EVAL1Z INTERSIL-ISL28005FH-20EVAL1Z Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005FH-20EVAL1Z RENESAS-ISL28005FH-20EVAL1Z Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

同様の説明 - ISL28005FH-20EVAL1Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com