データシートサーチシステム |
|
3-1437558-9 データシート(PDF) 7 Page - Tyco Electronics |
|
3-1437558-9 データシート(HTML) 7 Page - Tyco Electronics |
7 / 14 page C49 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTG Series Toggle Switches, MT Series, Wire Lug, Long Mustang Actuator SEE PAGE C43 FOR PRODUCT SPECIFICATIONS For terminal connections refer to Code Chart. (See Page M5-6) SPDT MTG126D .354 (8.99) .125 (3.18) DIA. .440 (11.18) .062 (1.58) .157 (4.00) .170 (4.30) TYP. 15/32-32 UNS-2A .468 (11.90) .030 (0.76) .244 (6.20) DIA. .470 (11.94) DIA. .470 (11.94) DIA. 24 .685 (17.40) .354 (9.00) o .036 Dp. x .070 W (0.91 Dp. x 1.80 W) KEYWAY .315 (8.00) .512 (13.0) DPDT/SP3T MTG226N .354 (8.99) .128 (3.25) DIA. .440 (11.18) .062 (1.58) .157 (4.00) .170 (4.30) TYP. 15/32-32 UNS-2A .468 (11.90) .030 (0.76) .244 (6.20) DIA. .470 (11.94) DIA. .470 (11.94) DIA. .890 (22.6) .190 (4.82) TYP. .512 (13.0) .685 (17.40) .453 (11.50) 24 o .036 Dp. x .070 W (0.91 Dp. x 1.80 W) KEYWAY MTG426N 4PDT .354 (8.99) .125 (3.18) DIA.. .440 (11.18) .062 (1.58) .157 (4.00) .170 (4.30) TYP. 15/32-32 UNS-2A .468 (11.90) .030 (0.76) .244 (6.20) DIA. .470 (11.94) DIA. .470 (11.94) DIA. 24 .685 (17.40) .453 (11.50) .701 (17.8) .190 (4.80) TYP. .512 (13.0) o .036 Dp. x .070 W (0.91 Dp. x 1.80 W) KEYWAY 3PDT MTG326D .512 (13.0) .190 (4.80) TYP. .512 (13.0) .354 (8.99) .125 (3.18) DIA. .440 (11.18) .062 (1.58) .157 (4.00) .170 (4.30) TYP. 15/32-32 UNS-2A .468 (11.90) .030 (0.76) .244 (6.20) DIA. .470 (11.94) DIA. .470 (11.94) DIA. 24 .685 (17.40) .354 (9.00) o .036 Dp. x .070 W (0.91 Dp. x 1.80 W) KEYWAY Tyco Alcoswitch Type Act. Code P. M5 Electronics 1-1437559-6 MTG126D SPDT 1 On None On 1-1437559-7 MTG126E SPDT 5 On Off On Tyco Alcoswitch Type Act. Code P. M5 Electronics 3-1437559-0 MTG326D 3PDT 3 On None On Tyco Alcoswitch Type Act. Code P. M5 Electronics 3-1437559-3 MTG426N 4PDT 4 On None On .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437559-5 MTG226N DPDT 2 On None On 2-1437559-6 MTG226P DPDT 6 On Off On 2-1437559-7 *MTG226PA SP3T 11 On On On *Note: PA types have case .100/(2.50) longer than other types. |
同様の部品番号 - 3-1437558-9 |
|
同様の説明 - 3-1437558-9 |