データシートサーチシステム |
|
1-1437598-1 データシート(PDF) 4 Page - Tyco Electronics |
|
1-1437598-1 データシート(HTML) 4 Page - Tyco Electronics |
4 / 4 page SWK 12 Series High Security Key Switch H5 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 H NOTE: All Keylocks are supplied with 2 brass keys on a ring. SWK12 SPST 8 Disc Tumblers Tyco Alcoswitch Type Pos. 1 Pos. 2 Remove Key Electronics 4-1437597-0 SWK12F315 SPST On Off Position 1 or 2 3-1437597-6 SWK121F315 SPST On Off Position 2 3-1437597-8 SWK123F315 SPST On Off Position 1 4-1437597-2 SWK12KF315 Spare key for SWK12 Series MATERIAL SPECIFICATIONS Contacts ……………………Silver Cylinder Material ……………Zinc alloy Lock Body …………………Zinc alloy Actuator Material ……………Brass key Terminals/Fixed Contacts……Screw type Beveled Frame Finish ………Polished chrome ENVIRONMENTAL SPECIFICATIONS Operating Temperature………-22°F to +185° (-30°C to +85°C) Storage Temperature ………-22°F to +185° (-30°C to +85°C) Solder Heat Resistance………See page M3-4 TYPICAL PERFORMANCE CHARACTERISTICS Contact Rating ……………5A @ 115 VAC, 15A @ 24 VDC …………………………… resistive Initial Contact Resistance …50 Milliohms max. Contact Timing ……………Non-shorting Dielectric Strength …………1,000 VAC @ sea level Actuator Travel ……………90° Key Changes ………………25 Standard Life Expectancy ……………Up to 20,000 Cycles PANEL CUT-OUT .760 (19.3) .750 (19.1) DIA. .698 (17.7) .694 (17.6) POS.2 POS.1 90 ° 0.88 (22.4) 0.25 (6.04) 1.28 (32.5) 0.50 (12.7) 6-32 TERMINAL SCREWS 0.88 (22.4) 3/4-32 THREADED 0.69 (17.5) |
同様の部品番号 - 1-1437598-1 |
|
同様の説明 - 1-1437598-1 |