データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N01L6183AB7I データシート(PDF) 1 Page - ON Semiconductor

部品番号 N01L6183AB7I
部品情報  1Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01L6183AB7I データシート(HTML) 1 Page - ON Semiconductor

  N01L6183AB7I Datasheet HTML 1Page - ON Semiconductor N01L6183AB7I Datasheet HTML 2Page - ON Semiconductor N01L6183AB7I Datasheet HTML 3Page - ON Semiconductor N01L6183AB7I Datasheet HTML 4Page - ON Semiconductor N01L6183AB7I Datasheet HTML 5Page - ON Semiconductor N01L6183AB7I Datasheet HTML 6Page - ON Semiconductor N01L6183AB7I Datasheet HTML 7Page - ON Semiconductor N01L6183AB7I Datasheet HTML 8Page - ON Semiconductor N01L6183AB7I Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N01L6183A
©2008 SCILLC. All rights reserved.
Publication Order Number:
July 2008 - Rev.
8
N01L6183A/D
1Mb Ultra-Low Power Asynchronous CMOS SRAM
64K × 16 bit
Overview
The N01L6183A is an integrated memory device
containing a 1 Mbit Static Random Access Memory
organized as 65,536 words by 16 bits. The device
is designed and fabricated using ON
Semiconductor’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with a single chip
enable (CE) control and output enable (OE) to
allow for easy memory expansion. Byte controls
(UB and LB) allow the upper and lower bytes to be
accessed independently. The N01L6183A is
optimal for various applications where low-power is
critical such as battery backup and hand-held
devices. The device can operate over a very wide
temperature range of -40oC to +85oC and is
available in JEDEC standard packages compatible
with other standard 64Kb x 16 SRAMs.
Features
• Single Wide Power Supply Range
1.65 to 2.2 Volts
• Very low standby current
0.5µA at 1.8V (Typical)
• Very low operating current
0.7mA at 1.8V and 1µs (Typical)
• Very low Page Mode operating current
0.5mA at 1.8V and 1µs (Typical)
• Simple memory control
Single Chip Enable (CE)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.2V
• Very fast output enable access time
30ns OE access time
• Automatic power down to standby mode
• TTL compatible three-state output driver
• Compact space saving BGA package avail-
able
Pin Configurations
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply (Vcc)
Speed
Standby
Current (ISB),
Typical
Operating
Current (Icc),
Typical
N01L6183AB
48 - BGA
-40oC to +85oC 1.65V - 2.2V
70ns @ 1.8V
85ns @ 1.65V
0.5
µA
0.7 mA @
1MHz
N01L6183AT
44 - TSOP II
N01L6183AB2
48 - BGA Green
N01L6183AT2
44 - TSOP II Green
PIN
ONE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A4
A3
A2
A1
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
VSS
I/O4
I/O5
I/O6
I/O7
WE
A15
A14
A13
A12
NC
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
VSS
VCC
I/O11
I/O10
I/O9
I/O8
NC
A8
A9
A10
A11
NC
12
34
56
A
LB
OE
A0
A1
A2
NC
B I/O8 UB
A3
A4
CE
I/O0
C I/O9 I/O10 A5
A6
I/O1
I/O2
D VSS I/O11 NC
A7
I/O3
VCC
E VCC I/O12 NC NC I/O4 VSS
F I/O14 I/O13 A14 A15 I/O5 I/O6
G I/O15 NC A12 A13 WE I/O7
H
NC
A8
A9
A10
A11
NC
48 Pin BGA (top)
6 x 8 mm
Pin Descriptions
Pin Name
Pin Function
A0-A15
Address Inputs
WE
Write Enable Input
CE
Chip Enable Input
OE
Output Enable Input
LB
Lower Byte Enable Input
UB
Upper Byte Enable Input
I/O0-I/O15
Data Inputs/Outputs
NC
Not Connected
VCC
Power
VSS
Ground


同様の部品番号 - N01L6183AB7I

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01L6183AB ONSEMI-N01L6183AB Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
N01L6183AB2 ONSEMI-N01L6183AB2 Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
More results

同様の説明 - N01L6183AB7I

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01M083WL1A NANOAMP-N01M083WL1A Datasheet
225Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
N01M0818L1A NANOAMP-N01M0818L1A Datasheet
228Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com