データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC120 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 FC120
部品情報  High-Frequency General-Purpose Amp, Differential Amp Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC120 データシート(HTML) 2 Page - Sanyo Semicon Device

  FC120 Datasheet HTML 1Page - Sanyo Semicon Device FC120 Datasheet HTML 2Page - Sanyo Semicon Device FC120 Datasheet HTML 3Page - Sanyo Semicon Device FC120 Datasheet HTML 4Page - Sanyo Semicon Device FC120 Datasheet HTML 5Page - Sanyo Semicon Device FC120 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FC120
No.3062-2/6
NF, PG Test Circuit
L1:1mm
ø plated wire, 10mmø 5T, 15mm pitch,
tap : 2T from base side
L2:1mm
ø plated wire, 10mmø 7T, 10mm pitch,
tap : 2T from VC side
L3:1mm
ø enamel wire, 10mmø 3T, 10mm pitch
Unit (Capacitance:F)


同様の部品番号 - FC120

メーカー部品番号データシート部品情報
logo
RCD COMPONENTS INC.
FC1206-100-FB RCD-FC1206-100-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
FC1206-100-FT RCD-FC1206-100-FT Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
FC1206-100-GB302 RCD-FC1206-100-GB302 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
FC1206-100-GB452 RCD-FC1206-100-GB452 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
FC1206-100-GB502 RCD-FC1206-100-GB502 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
More results

同様の説明 - FC120

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
FC119 SANYO-FC119 Datasheet
139Kb / 5P
   High-Frequency General-Purpose Amp, Differential Amp Applications
FC11 SANYO-FC11 Datasheet
92Kb / 3P
   Low-Frequency General-Purpose Amp, Differential Amp Applications
FC13 SANYO-FC13 Datasheet
102Kb / 3P
   Low-Frequency General-Purpose Amp, Differential Amp, Analog Switch Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
   High-Frequency Amp, Differential Amp Applications
FP201 SANYO-FP201 Datasheet
83Kb / 3P
   High-Frequency Amp, Differential Amp Applications
FC152 SANYO-FC152 Datasheet
130Kb / 4P
   High-Frequency Amp, Differential Amp Applications
2SA1683 SANYO-2SA1683 Datasheet
115Kb / 4P
   High-Frequency General-Purpose Amp, High-Frequency Power Amp Applications?
2SC2814 SANYO-2SC2814 Datasheet
110Kb / 4P
   High-Frequency General-Purpose Amp Applications???
2SK1066 SANYO-2SK1066 Datasheet
210Kb / 6P
   High-Frequency General-Purpose Amp Applications?
2SC3142 SANYO-2SC3142 Datasheet
136Kb / 5P
   High-Frequency General-Purpose Amp Applications????
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com