データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM22670 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM22670
部品情報  3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22670 データシート(HTML) 4 Page - National Semiconductor (TI)

  LM22670 Datasheet HTML 1Page - National Semiconductor (TI) LM22670 Datasheet HTML 2Page - National Semiconductor (TI) LM22670 Datasheet HTML 3Page - National Semiconductor (TI) LM22670 Datasheet HTML 4Page - National Semiconductor (TI) LM22670 Datasheet HTML 5Page - National Semiconductor (TI) LM22670 Datasheet HTML 6Page - National Semiconductor (TI) LM22670 Datasheet HTML 7Page - National Semiconductor (TI) LM22670 Datasheet HTML 8Page - National Semiconductor (TI) LM22670 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin Descriptions
Pin Numbers
PSOP-8
Package
Pin Numbers
TO-263 THIN
Package
Name
Description
Application Information
1
3
BOOT
Bootstrap input
Provides the gate voltage for the high side NFET.
2
-
NC
Not Connected
Pin is not electrically connected inside the chip. Pin
does function as thermal conductor.
3
5
RT/
SYNC
Oscillator frequency adjust pin or
frequency synchronization
A resistor connected from this pin to GND adjusts the
oscillator frequency. This pin can also accept an input
for synchronization from an external clock. Pin can be
left floating and internal setting will be default to 500
kHz.
4
6
FB
Feedback pin
Inverting input to the internal voltage error amplifier.
5
7
EN
Precision enable pin
When pulled low regulator turns off.
6
4
GND
System ground
Provide good capacitive decoupling between VIN and
this pin.
7
2
VIN
Source input voltage
Input to the regulator. Operates from 4.5V to 42V.
8
1
SW
Switch pin
Attaches to the switch node.
www.national.com
4


同様の部品番号 - LM22670

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670 TI-LM22670 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM22670 TI1-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22670 TI-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670-Q1 TI-LM22670-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

同様の説明 - LM22670

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677Q NSC-LM22677Q Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
   3A Step-Down Switching Regulator with Adjustable Switching Frequency
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com