データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13851 データシート(PDF) 11 Page - Freescale Semiconductor, Inc

部品番号 MC13851
部品情報  General Purpose Low Noise Amplifier with Bypass Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13851 データシート(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13851 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Application Information
MC13851 Advance Information, Rev. 2.0
Freescale Semiconductor
11
Input Return Loss
S11
dB
High Gain
-11
-8
Bypass
-11
-8
Gain
S21
dB
High Gain
18
19
Bypass
-7
-5.5
Reverse Isolation
S12
dB
High Gain
-27
-25
Bypass
-5.7
-4.4
Output Return Loss
S22
dB
High Gain
-14.9
-9
Bypass
-18
-9
R1=1.5 k
Ω
Frequency
f
1575
MHz
RF Gain
GdB
High Gain
18
19
Bypass
-6.5
-5.5
Output Third Order Intercept Point
OIP3
dBm
High Gain
13.9
15.9
Bypass
19
20.3
Input Third Order Intercept Point
IIP3
dBm
High Gain
-5.5
-3.2
Bypass
24
26
Out Ref P1dB
P1dBout
dBm
High Gain
6.6
7.6
In Ref P1dB
P1dBin
dBm
High Gain
-13.5
-11.5
Noise Figure
NF
dB
High Gain
1.27
1.6
Bypass
5.9
6.9
Current Draw
Icc
High Gain
3.8
4.8
mA
Bypass
4
20
μA
Rbias R1 Value
1.5
k
Ω
Input Return Loss
S11
dB
High Gain
-10.6
-8.6
Bypass
-11.5
-10
Gain
S21
dB
High Gain
17.9
18.9
Bypass
-6.5
-5.5
Reverse Isolation
S12
dB
High Gain
-25.9
-24.5
Bypass
-5.6
-4.6
Table 6. Typical 1575 MHz Evaluation Board Performance (continued)
(Vcc = 2.75V, TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC13851

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
MC13851EP NXP-MC13851EP Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

同様の説明 - MC13851

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13852 FREESCALE-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com