データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13852 データシート(PDF) 3 Page - Freescale Semiconductor, Inc

部品番号 MC13852
部品情報  General Purpose Low Noise Amplifier with Bypass Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13852 データシート(HTML) 3 Page - Freescale Semiconductor, Inc

  MC13852 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Electrical Specifications
MC13852 Advance Information, Rev. 2.0
Freescale Semiconductor
3
Figure 1. Simplified Block Diagram
2
Electrical Specifications
Table 1 lists the maximum ratings for the device.
Table 2 lists the recommended operating conditions.
Table 1. Maximum Ratings
Ratings
Symbol
Value
Unit
Supply Voltage
VCC
3.3
V
Storage Temperature Range
Tstg
-65 to 150
°C
Operating Ambient Temperature Range
TA
-30 to 85
°C
RF Input Power
Prf
10
dBm
Power Dissipation
Pdis
100
mW
Thermal Resistance, Junction to Case
RθJC
24
C/W
Thermal Resistance, Junction to Ambient, 4 Layer Board
RθJA
90
C/W
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Recommended Operating
Conditions and Electrical Characteristics tables.
2. ESD (electrostatic discharge) immunity meets Human Body Model (HBM)
≤200 V, Charge Device Model (CDM) ≤450 V, and
Machine Model (MM)
≤50 V. Additional ESD data available upon request.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
RF Frequency range
fRF
400
1000
MHz
Supply Voltage
VCC
2.32.753.0
Vdc
Logic Voltage
Input High Voltage
Input Low Voltage
—1.25
0
1.8
VCC
0.8
Vdc
RF OUT
2
5
7
6
Gain
Logic
Vcc
RF IN
3
1
Band
8
4
Enable
Rbias
Emit


同様の部品番号 - MC13852

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
MC13852EP NXP-MC13852EP Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

同様の説明 - MC13852

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com