データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22424WFV14Z データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL22424WFV14Z
部品情報  Dual Digitally Controlled Potentiometer (XDCP??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22424WFV14Z データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL22424WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22424WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22424WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22424WFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22424WFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22424WFV14Z Datasheet HTML 11Page - Intersil Corporation ISL22424WFV14Z Datasheet HTML 12Page - Intersil Corporation ISL22424WFV14Z Datasheet HTML 13Page - Intersil Corporation ISL22424WFV14Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN6425.0
May 31, 2007
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR RHEOSTAT MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (1MHz)
Typical Performance Curves (Continued)
-0.50
-0.25
0
0.25
0.5
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 2.25V
VCC = 5.5V
T = +25ºC
-0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 5.5V
T = +25ºC
VCC = 2.25V
-0.40
0.00
0.40
0.80
1.20
1.60
-40
0
40
80
120
10k
50k
5.5V
2.25V
TEMPERATURE (ºC)
0
40
80
120
160
200
16
66
116
166
TAP POSITION (DECIMAL)
50k
10k
216
266
0
100
200
300
400
500
16
66
116
166
216
TAP POSITION (DECIMAL)
50k
10k
OUTPUT
INPUT
WIPER AT MID POINT (POSITION 80h)
RTOTAL = 10kΩ
ISL22424


同様の部品番号 - ISL22424WFV14Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22424WFV14Z INTERSIL-ISL22424WFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22424WFV14Z RENESAS-ISL22424WFV14Z Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
More results

同様の説明 - ISL22424WFV14Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com