データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12022MR5421 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL12022MR5421
部品情報  Low Power RTC with Battery Backed SRAM, Integrated 5ppm
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MR5421 データシート(HTML) 3 Page - Intersil Corporation

  ISL12022MR5421 Datasheet HTML 1Page - Intersil Corporation ISL12022MR5421 Datasheet HTML 2Page - Intersil Corporation ISL12022MR5421 Datasheet HTML 3Page - Intersil Corporation ISL12022MR5421 Datasheet HTML 4Page - Intersil Corporation ISL12022MR5421 Datasheet HTML 5Page - Intersil Corporation ISL12022MR5421 Datasheet HTML 6Page - Intersil Corporation ISL12022MR5421 Datasheet HTML 7Page - Intersil Corporation ISL12022MR5421 Datasheet HTML 8Page - Intersil Corporation ISL12022MR5421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ISL12022MR5421
3
FN7576.1
June 4, 2010
13
IRQ/FOUT Interrupt Output/Frequency Output (Default 32.768kHz frequency output). This dual function pin
can be used as an interrupt or frequency output pin. The IRQ/FOUT mode is selected via the frequency
out control bits of the control/status register. Interrupt Mode. The pin provides an interrupt signal
output. This signal notifies a host processor that an alarm has occurred and requests action. It is an
open drain active low output. Frequency Output Mode. The pin outputs a clock signal, which is
related to the crystal frequency. The frequency output is user selectable and enabled via the I2C bus.
It is an open drain output. The output is open drain and requires a pull-up resistor.
14
VDD
Power Supply. Chip power supply and ground pins. The device will operate with a power supply from
VDD = 2.7V to 5.5VDC. A 0.1µF capacitor is recommended on the VDD pin to ground.
1, 2, 3, 6, 8,
15, 18, 19,
20
GND
Ground Pin.
Pin Descriptions (Continued)
PIN
NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL12022MIBZR5421
(Note 2)
ISL12022MIBZ R5421
2.7 to 5.5
-40 to +85
20 Ld SOIC
M20.3
ISL12022MIBZ-TR5421
(Notes 1, 2)
ISL12022MIBZ R5421
2.7 to 5.5
-40 to +85
20 Ld SOIC (Tape and Reel) M20.3
1. Please refer to TB347 for details on reel specifications.
2. These Intersil plastic packaged products employ special material sets, molding compounds and 100% matte tin plate plus
anneal (e3) termination finish. These products do contain Pb but they are RoHS compliant by exemption 7 (lead in high melt
temp solder for internal connections) and exemption 5 (lead in piezoelectric elements). These Intersil RoHS compliant
products are compatible with both SnPb and Pb free soldering operations. These Intersil RoHS compliant products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL12022MR5421


同様の部品番号 - ISL12022MR5421

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

同様の説明 - ISL12022MR5421

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M_V01 Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL12022 RENESAS-ISL12022_V01 Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com