データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28230CUZ データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28230CUZ
部品情報  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230CUZ データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28230CUZ Datasheet HTML 2Page - Intersil Corporation ISL28230CUZ Datasheet HTML 3Page - Intersil Corporation ISL28230CUZ Datasheet HTML 4Page - Intersil Corporation ISL28230CUZ Datasheet HTML 5Page - Intersil Corporation ISL28230CUZ Datasheet HTML 6Page - Intersil Corporation ISL28230CUZ Datasheet HTML 7Page - Intersil Corporation ISL28230CUZ Datasheet HTML 8Page - Intersil Corporation ISL28230CUZ Datasheet HTML 9Page - Intersil Corporation ISL28230CUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL28130, ISL28230, ISL28430
6
FN7623.1
December 16, 2010
IS
Supply Current, Per Amplifier
RL = OPEN
-
20
25
µA
--
35
µA
ISC+
Output Source Short Circuit Current
RL = Short V-
-
15
-
mA
ISC-
Output Sink Short Circuit Current
RL = Short V+
-
-15
-
mA
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
AV = 100, RF = 100kΩ, RG =1kΩ,
RL = 10kΩ to VCM
-400
-
kHz
eN VP-P
Peak-to-Peak Input Noise Voltage
f = 0.01Hz to 10Hz
-
1.1
-
µVP-P
eN
Input Noise Voltage Density
f = 1kHz
-
65
-
nV/
(Hz)
iN
Input Noise Current Density
f = 1kHz
-
72
-
fA/
(Hz)
f = 10Hz
-
80
-
fA/
(Hz)
Cin
Differential Input Capacitance
f = 1MHz
-
1.6
-
pF
Common Mode Input Capacitance
-
1.12
-
pF
TRANSIENT RESPONSE
SR
Positive Slew Rate
VOUT = 1V to 4V, RL = 10kΩ
-0.2
-
V/µs
Negative Slew Rate
-
0.1
-
V/µs
tr, tf, Small Signal
Rise Time, tr 10% to 90%
AV = +1, VOUT = 0.1VP-P, RF = 0Ω,
RL = 10kΩ, CL = 1.2pF
-1.1
-
µs
Fall Time, tf 10% to 90%
-
1.1
-
µs
tr, tf Large Signal
Rise Time, tr 10% to 90%
AV = +1, VOUT = 2VP-P, RF =0Ω,
RL = 10kΩ, CL = 1.2pF
-20
-
µs
Fall Time, tf 10% to 90%
-
30
-
µs
ts
Settling Time to 0.1%, 2VP-P Step
AV = +1, RF = 0Ω, RL =10kΩ, CL
= 1.2pF
-35
-
µs
trecover
Output Overload Recovery Time, Recovery
to 90% of Output Saturation
AV = +2, RF = 10kΩ, RL =Open,
CL = 3.7pF
-
10.5
-
µs
NOTE:
9. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits
apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT


同様の部品番号 - ISL28230CUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28230CUZ INTERSIL-ISL28230CUZ Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CUZ INTERSIL-ISL28230CUZ Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28230CUZ RENESAS-ISL28230CUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28230CUZ-T7 INTERSIL-ISL28230CUZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CUZ-T7A INTERSIL-ISL28230CUZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

同様の説明 - ISL28230CUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com