データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28230CBZ データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL28230CBZ
部品情報  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230CBZ データシート(HTML) 3 Page - Intersil Corporation

  ISL28230CBZ Datasheet HTML 1Page - Intersil Corporation ISL28230CBZ Datasheet HTML 2Page - Intersil Corporation ISL28230CBZ Datasheet HTML 3Page - Intersil Corporation ISL28230CBZ Datasheet HTML 4Page - Intersil Corporation ISL28230CBZ Datasheet HTML 5Page - Intersil Corporation ISL28230CBZ Datasheet HTML 6Page - Intersil Corporation ISL28230CBZ Datasheet HTML 7Page - Intersil Corporation ISL28230CBZ Datasheet HTML 8Page - Intersil Corporation ISL28230CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL28130, ISL28230, ISL28430
3
FN7623.1
December 16, 2010
Pin Configurations
ISL28130
(5 LD SOT-23)
TOP VIEW
ISL28130
(8 LD SOIC)
TOP VIEW
ISL28130
(5 LD SC70)
TOP VIEW
ISL28230
(8 LD MSOP, SOIC)
TOP VIEW
ISL28230
(8 LD DFN)
TOP VIEW
ISL28430
(14 LD TSSOP, SOIC)
TOP VIEW
OUT
V-
IN+
V+
IN-
1
2
3
5
4
+ -
1
2
3
4
8
7
6
5
NC
IN-
IN+
NC
V+
OUT
V-
NC
IN+
V-
IN-
V+
OUT
1
2
3
5
4
+
-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
2
3
4
1
7
6
5
8
OUT_A
IN-_A
IN+_A
V+
IN+_B
IN-_B
OUT_B
OUT_D
IN-_D
IN+_D
V-
IN+_C
IN-_C
OUT_C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
+-
Pin Descriptions
ISL28130
(5 Ld SOT23)
ISL28130
(8 Ld SOIC)
ISL28130
(5 LD SC70)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
3
3
1
IN+
Non-inverting
input
Circuit 1
2
4
2
V-
Negative supply
4
2
3
IN-
Inverting input
(See “Circuit 1”)
IN+
V+
IN-
V-
+
-


同様の部品番号 - ISL28230CBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28230CBZ INTERSIL-ISL28230CBZ Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CBZ INTERSIL-ISL28230CBZ Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28230CBZ RENESAS-ISL28230CBZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28230CBZ-T7 INTERSIL-ISL28230CBZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CBZ-T7A INTERSIL-ISL28230CBZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

同様の説明 - ISL28230CBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com