データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23315TFUZ データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL23315TFUZ
部品情報  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315TFUZ データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL23315TFUZ Datasheet HTML 4Page - Intersil Corporation ISL23315TFUZ Datasheet HTML 5Page - Intersil Corporation ISL23315TFUZ Datasheet HTML 6Page - Intersil Corporation ISL23315TFUZ Datasheet HTML 7Page - Intersil Corporation ISL23315TFUZ Datasheet HTML 8Page - Intersil Corporation ISL23315TFUZ Datasheet HTML 9Page - Intersil Corporation ISL23315TFUZ Datasheet HTML 10Page - Intersil Corporation ISL23315TFUZ Datasheet HTML 11Page - Intersil Corporation ISL23315TFUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL23315
8
FN7778.0
December 15, 2010
DCP Macro Model
tSU:STO
STOP Condition Set-up Time
From SCL rising edge crossing
70% of VLOGIC, to SDA rising
edge crossing 30% of VLOGIC
600
ns
tHD:STO
STOP Condition Hold Time for Read
or Write
From SDA rising edge to SCL
falling edge; both crossing
70% of VCC (Note 11)
1300
ns
tDH
Output Data Hold Time
From SCL falling edge crossing
30% of VLOGIC, until SDA
enters the 30% to 70% of
VLOGIC window.
IOL =3mA, VLOGIC > 2V.
IOL = 0.5mA, VLOGIC < 2V
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VLOGIC
20 + 0.1 x Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VLOGIC
20 + 0.1 x Cb
250
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
(Note 11)
10
400
pF
tSU:A
A1, A0 setup time
Before START condition
600
ns
tHD:A
A1, A0 hold time
After STOP condition
600
ns
NOTES:
8. Typical values are for TA = +25°C and 3.3V supply voltages.
9. LSB = [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the incremental
voltage when changing from one tap to an adjacent tap.
10. ZS error = V(RW)0/LSB.
11. FS error = [V(RW)255 – VCC]/LSB.
12. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
13. INL = [V(RW)i – i • LSB – V(RW)0]/LSB for i = 1 to 255
14.
for i = 16 to 255 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min( ) is the minimum value of the wiper voltage over the temperature range.
15. MI =
|RW255 – RW0|/255. MI is a minimum increment. RW255 and RW0 are the measured resistances for the DCP register set to FF hex and 00
hex respectively.
16. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW255/MI, when measuring between RW and RH.
17. RDNL = (RWi – RWi-1)/MI -1, for i = 16 to 255.
18. RINL = [RWi – (MI • i) – RW0]/MI, for i = 16 to 255.
19.
for i = 16 to 255, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min( ) is the
minimum value of the resistance over the temperature range.
20. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
21. It is preferable to ramp up both the VLOGIC and the VCC supplies at the same time. If this is not possible it is recommended to ramp-up the VLOGIC
first followed by the VCC.
Serial Interface Specification for SCL, SDA, A0, A1 Unless Otherwise Noted. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
TCV
Max V RW
()i
() Min V RW
()i
()
VRWi +25°C
()
()
------------------------------------------------------------------------------
106
+165°C
---------------------
×
=
TCR
Max Ri
() Min Ri
()
[]
Ri +25°C
()
-------------------------------------------------------
10
6
+165°C
---------------------
×
=
22pF
RH
RTOTAL
CH
32pF
CW
CL
22pF
RW
RL


同様の部品番号 - ISL23315TFUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315TFUZ RENESAS-ISL23315TFUZ Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23315TFUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com