データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12022IBZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL12022IBZ
部品情報  Real Time Clock with On Chip 짹5ppm Temp Compensation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022IBZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL12022IBZ Datasheet HTML 5Page - Intersil Corporation ISL12022IBZ Datasheet HTML 6Page - Intersil Corporation ISL12022IBZ Datasheet HTML 7Page - Intersil Corporation ISL12022IBZ Datasheet HTML 8Page - Intersil Corporation ISL12022IBZ Datasheet HTML 9Page - Intersil Corporation ISL12022IBZ Datasheet HTML 10Page - Intersil Corporation ISL12022IBZ Datasheet HTML 11Page - Intersil Corporation ISL12022IBZ Datasheet HTML 12Page - Intersil Corporation ISL12022IBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
FN6659.2
June 23, 2009
• Interrupt Mode. The pin provides an interrupt signal
output. This signal notifies a host processor that an alarm
has occurred and requests action. It is an active low
output.
• Frequency Output Mode. The pin outputs a clock signal,
which is related to the crystal frequency. The frequency is
user selectable and enabled via the I2C bus.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of
the device. The input buffer on this pin is always active (not
gated). It is disabled when the backup power supply on the
VBAT pin is activated to minimize power consumption.
Serial Data (SDA)
SDA is a bi-directional pin used to transfer data into and out
of the device. It has an open drain output and may be ORed
with other open drain or open collector outputs. The input
buffer is always active (not gated) in normal mode.
An open drain output requires the use of a pull-up resistor.
The output circuitry controls the fall time of the output signal
with the use of a slope controlled pull-down. The circuit is
designed for 400kHz I2C interface speeds. It is disabled
when the backup power supply on the VBAT pin is activated.
VDD, GND
Chip power supply and ground pins. The device will operate
with a power supply from VDD = 2.7V to 5.5VDC. A 0.1µF
capacitor is recommended on the VDD pin to ground.
Functional Description
Power Control Operation
The power control circuit accepts a VDD and a VBAT input.
Many types of batteries can be used with Intersil RTC
products. For example, 3.0V or 3.6V Lithium batteries are
appropriate, and battery sizes are available that can power
the ISL12022 for up to 10 years. Another option is to use a
super capacitor for applications where VDD is interrupted for
up to a month. See the “Application Section” on page 25 for
more information.
Normal Mode (VDD) to Battery-Backup Mode
(VBAT)
To transition from the VDD to VBAT mode, both of the
following conditions must be met:
Condition 1:
VDD < VBAT - VBATHYS
where VBATHYS ≈ 50mV
Condition 2:
VDD < VTRIP
where VTRIP ≈ 2.2V
Battery-Backup Mode (VBAT) to Normal Mode
(VDD)
The ISL12022 device will switch from the VBAT to VDD mode
when one of the following conditions occurs:
Condition 1:
VDD > VBAT + VBATHYS
where VBATHYS ≈ 50mV
Condition 2:
VDD > VTRIP + VTRIPHYS
where VTRIPHYS ≈ 30mV
These power control situations are illustrated in Figures 11
and 12.
The I2C bus is deactivated in battery-backup mode to reduce
power consumption. Aside from this, all RTC functions are
operational during battery-backup mode. Except for SCL and
SDA, all the inputs and outputs of the ISL12022 are active
during battery-backup mode unless disabled via the control
register.
The device Time Stamps the switchover from VDD to VBAT
and VBAT to VDD, and the time is stored in tSV2B and tSB2V
registers respectively. If multiple VDD power-down sequences
occur before status is read, the earliest VDD to VBAT
power-down time is stored and the most recent VBAT to VDD
time is stored.
Temperature conversion and compensation can be enabled
in battery-backup mode. Bit BTSE in the BETA register
controls this operation, as described in “BETA Register
(BETA)” on page 17.
VBAT - VBATHYS
VBAT
VBAT + VBATHYS
BATTERY-BACKUP
MODE
VDD
VTRIP
2.2V
1.8V
FIGURE 11. BATTERY SWITCHOVER WHEN VBAT < VTRIP
FIGURE 12. BATTERY SWITCHOVER WHEN VBAT > VTRIP
VTRIP
VBAT
VTRIP + VTRIPHYS
BATTERY-BACKUP
MODE
VDD
VTRIP
3.0V
2.2V
ISL12022


同様の部品番号 - ISL12022IBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ-T RENESAS-ISL12022IBZ-T Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ-T7A RENESAS-ISL12022IBZ-T7A Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
More results

同様の説明 - ISL12022IBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com