データシートサーチシステム |
|
FM21LD16 データシート(PDF) 8 Page - Ramtron International Corporation |
|
FM21LD16 データシート(HTML) 8 Page - Ramtron International Corporation |
8 / 14 page FM21LD16 - 128Kx16 FRAM Rev. 1.0 Dec. 2009 Page 8 of 14 Electrical Specifications Absolute Maximum Ratings Symbol Description Ratings VDD Power Supply Voltage with respect to VSS -1.0V to +4.5V VIN Voltage on any signal pin with respect to VSS -1.0V to +4.5V and VIN < VDD+1V TSTG Storage Temperature -55 °C to +125°C TLEAD Lead Temperature (Soldering, 10 seconds) 260 ° C VESD Electrostatic Discharge Voltage - Human Body Model (JEDEC Std JESD22-A114-D) - Charged Device Model (JEDEC Std JESD22-C101-C) - Machine Model (JEDEC Std JESD22-A115-A) TBD TBD TBD Package Moisture Sensitivity Level MSL-3 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability. DC Operating Conditions (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified) Symbol Parameter Min Typ Max Units Notes VDD Power Supply 2.7 3.3 3.6 V IDD Power Supply Current 8 12 mA 1 ISB Standby Current @ TA = 25°C @ TA = 85°C 90 - 150 270 µA µA 2 ILI Input Leakage Current ±1 µA 3 ILO Output Leakage Current ±1 µA 3 VIH Input High Voltage 2.2 VDD + 0.3 V VIL Input Low Voltage -0.3 0.6 V VOH1 Output High Voltage (IOH = -1.0 mA) 2.4 V VOH2 Output High Voltage (IOH = -100 µA) VDD-0.2 V VOL1 Output Low Voltage (IOL = 2.1 mA) 0.4 V VOL2 Output Low Voltage (IOL = 100 µA) 0.2 V Notes 1. VDD = 3.6V, /CE cycling at min. cycle time. All inputs toggling at CMOS levels (0.2V or VDD-0.2V), all DQ pins unloaded. 2. VDD = 3.6V, /CE at VDD, All other pins are static and at CMOS levels (0.2V or VDD-0.2V). 3. VIN, VOUT between VDD and VSS. |
同様の部品番号 - FM21LD16 |
|
同様の説明 - FM21LD16 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |