データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM21LD16-60-BG データシート(PDF) 7 Page - Ramtron International Corporation

部品番号 FM21LD16-60-BG
部品情報  2Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21LD16-60-BG データシート(HTML) 7 Page - Ramtron International Corporation

Back Button FM21LD16-60-BG Datasheet HTML 3Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 4Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 5Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 6Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 7Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 8Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 9Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 10Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FM21LD16 - 128Kx16 FRAM
Rev. 1.0
Dec. 2009
Page 7 of 14
Software Write Protect Timing
SRAM Drop-In Replacement
The FM21LD16 has been designed to be a drop-in
replacement for standard asynchronous SRAMs. The
device does not require /CE to toggle for each new
address. /CE may remain low indefinitely. While /CE
is low, the device automatically detects address
changes and a new access is begun. This functionality
allows /CE to be grounded as you might with an
SRAM. It also allows page mode operation at speeds
up to 40MHz. Note that if /CE is tied to ground,
the user must be sure /WE is not low at powerup
or powerdown events. If /CE and /WE are both
low during power cycles, data corruption will
occur. Figure 3 shows a pullup resistor on /WE
which will keep the pin high during power cycles
assuming the MCU/MPU pin tri-states during the
reset condition. The pullup resistor value should
be chosen to ensure the /WE pin tracks VDD yet a
high enough value that the current drawn when
/WE is low is not an issue. A 10Kohm resistor
draws 330uA when /WE is low and VDD=3.3V.
Figure 3. Use of Pullup Resistor on /WE
NOTE: If /CE is tied to ground, the user gives up
the ability to perform the software write-protect
sequence.
For applications that require the lowest power
consumption, the /CE signal should be active only
during memory accesses.
The FM21LD16 draws
supply current while /CE is low, even if addresses and
control signals are static. While /CE is high, the
device draws no more than the maximum standby
current ISB.
The FM21LD16 is backward compatible with the
1Mbit FM20L08 and 256Kbit FM18L08 devices.
That is, operating the FM21LD16 with /CE toggling
low on every address is perfectly acceptable. In terms
of package and pinout, the FM21LD16 is upward
compatible with the FM22LD16 (4Mb).
The /UB and /LB byte select pins are active for both
read and write cycles. They may be used to allow the
device to be wired as a 256Kx8 memory. The upper
and lower data bytes can be tied together and
controlled with the byte selects. Individual byte
enables or the next higher address line A(17) may be
available from the system processor.
Figure 4. FM21LD16 Wired as 256Kx8
CE
WE
OE
A(16:0)
DQ
FM21LD16
VDD
MCU/
MPU
R


同様の部品番号 - FM21LD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21LD16-60-BG RAMTRON-FM21LD16-60-BG Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BG CYPRESS-FM21LD16-60-BG Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BGTR CYPRESS-FM21LD16-60-BGTR Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
More results

同様の説明 - FM21LD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com