データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM21LD16-60-BG データシート(PDF) 9 Page - Ramtron International Corporation

部品番号 FM21LD16-60-BG
部品情報  2Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21LD16-60-BG データシート(HTML) 9 Page - Ramtron International Corporation

Back Button FM21LD16-60-BG Datasheet HTML 5Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 6Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 7Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 8Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 9Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 10Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 11Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 12Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 13Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FM21LD16 - 128Kx16 FRAM
Rev. 1.0
Dec. 2009
Page 9 of 14
Read Cycle AC Parameters (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tRC
Read Cycle Time
110
-
ns
tCE
Chip Enable Access Time
-
60
ns
tAA
Address Access Time
-
110
ns
tOH
Output Hold Time
20
-
ns
tAAP
Page Mode Address Access Time
-
25
ns
tOHP
Page Mode Output Hold Time
5
-
ns
tCA
Chip Enable Active Time
60
-
ns
tPC
Precharge Time
50
-
ns
tBA
/UB, /LB Access Time
-
20
ns
tAS
Address Setup Time (to /CE low)
0
-
ns
tAH
Address Hold Time (/CE-controlled)
60
-
ns
tOE
Output Enable Access Time
-
15
ns
tHZ
Chip Enable to Output High-Z
-
10
ns
1
tOHZ
Output Enable High to Output High-Z
-
10
ns
1
tBHZ
/UB, /LB High to Output High-Z
-
10
ns
1
Write Cycle AC Parameters (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tWC
Write Cycle Time
110
-
ns
tCA
Chip Enable Active Time
60
-
ns
tCW
Chip Enable to Write Enable High
60
-
ns
tPC
Precharge Time
50
-
ns
tPWC
Page Mode Write Enable Cycle Time
25
-
ns
tWP
Write Enable Pulse Width
16
-
ns
tAS
Address Setup Time (to /CE low)
0
-
ns
tASP
Page Mode Address Setup Time (to /WE low)
8
-
ns
tAHP
Page Mode Address Hold Time (to /WE low)
15
-
ns
tWLC
Write Enable Low to /CE High
25
-
ns
tBLC
/UB, /LB Low to /CE High
25
-
ns
tWLA
Write Enable Low to A(16:2) Change
25
-
ns
tAWH
A(16:2) Change to Write Enable High
110
-
ns
tBS
/UB, /LB Setup Time (to /CE low)
2
-
ns
tBH
/UB, /LB Hold Time (to /CE high)
0
-
ns
tDS
Data Input Setup Time
14
-
ns
tDH
Data Input Hold Time
0
-
ns
tWZ
Write Enable Low to Output High Z
-
10
ns
1
tWX
Write Enable High to Output Driven
10
-
ns
1
tWS
Write Enable to /CE Low Setup Time
0
-
ns
2
tWH
Write Enable to /CE High Hold Time
0
-
ns
2
Notes
1
This parameter is characterized but not 100% tested.
2
The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs. The parameters tWS and tWH
are not tested.
Capacitance (TA = 25° C , f=1 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CI/O
Input/Output Capacitance (DQ)
-
8
pF
CIN
Input Capacitance
-
6
pF


同様の部品番号 - FM21LD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21LD16-60-BG RAMTRON-FM21LD16-60-BG Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BG CYPRESS-FM21LD16-60-BG Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BGTR CYPRESS-FM21LD16-60-BGTR Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
More results

同様の説明 - FM21LD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com