データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM21LD16-60-BG データシート(PDF) 3 Page - Ramtron International Corporation

部品番号 FM21LD16-60-BG
部品情報  2Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21LD16-60-BG データシート(HTML) 3 Page - Ramtron International Corporation

  FM21LD16-60-BG Datasheet HTML 1Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 2Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 3Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 4Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 5Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 6Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 7Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 8Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FM21LD16 - 128Kx16 FRAM
Rev. 1.0
Dec. 2009
Page 3 of 14
Functional Truth Table
1,2
/CE
/WE
A(16:2)
A(1:0)
Operation
H
X
X
X
Standby/Idle
H
V
V
Read
L
H
No Change
Change
Page Mode Read
L
H
Change
V
Random Read
L
V
V
/CE-Controlled Write
L
V
V
/WE-Controlled Write
2
L
No Change
V
Page Mode Write
3
X
X
X
Starts Precharge
Notes:
1)
H=Logic High, L=Logic Low, V=Valid Data, X=Don’t Care.
2)
/WE-controlled write cycle begins as a Read cycle and A(16:2) is latched then.
3)
Addresses A(1:0) must remain stable for at least 10 ns during page mode operation.
4)
For write cycles, data-in is latched on the rising edge of /CE or /WE, whichever comes first.
Byte Select Truth Table
/OE
/LB
/UB
Operation
H
X
X
Read; Outputs Disabled
X
H
H
L
H
L
Read; DQ(7:0) Hi-Z
L
H
Read; DQ(15:8) Hi-Z
L
L
Read
X
H
L
Write; Mask DQ(7:0)
L
H
Write; Mask DQ(15:8)
L
L
Write
The /UB and /LB pins may be grounded if 1) the system does not
perform byte writes and 2) the device is not configured as a 256Kx8.


同様の部品番号 - FM21LD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21LD16-60-BG RAMTRON-FM21LD16-60-BG Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BG CYPRESS-FM21LD16-60-BG Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BGTR CYPRESS-FM21LD16-60-BGTR Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
More results

同様の説明 - FM21LD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com