データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM21LD16-60-BGTR データシート(PDF) 8 Page - Ramtron International Corporation

部品番号 FM21LD16-60-BGTR
部品情報  2Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21LD16-60-BGTR データシート(HTML) 8 Page - Ramtron International Corporation

Back Button FM21LD16-60-BGTR Datasheet HTML 4Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 5Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 6Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 7Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 8Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 9Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 10Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 11Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FM21LD16 - 128Kx16 FRAM
Rev. 1.0
Dec. 2009
Page 8 of 14
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +4.5V and
VIN < VDD+1V
TSTG
Storage Temperature
-55
°C to +125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-D)
- Charged Device Model (JEDEC Std JESD22-C101-C)
- Machine Model (JEDEC Std JESD22-A115-A)
TBD
TBD
TBD
Package Moisture Sensitivity Level
MSL-3
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
2.7
3.3
3.6
V
IDD
Power Supply Current
8
12
mA
1
ISB
Standby Current
@ TA = 25°C
@ TA = 85°C
90
-
150
270
µA
µA
2
ILI
Input Leakage Current
±1
µA
3
ILO
Output Leakage Current
±1
µA
3
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.6
V
VOH1
Output High Voltage (IOH = -1.0 mA)
2.4
V
VOH2
Output High Voltage (IOH = -100 µA)
VDD-0.2
V
VOL1
Output Low Voltage (IOL = 2.1 mA)
0.4
V
VOL2
Output Low Voltage (IOL = 100 µA)
0.2
V
Notes
1.
VDD = 3.6V, /CE cycling at min. cycle time. All inputs toggling at CMOS levels (0.2V or VDD-0.2V), all DQ pins unloaded.
2.
VDD = 3.6V, /CE at VDD, All other pins are static and at CMOS levels (0.2V or VDD-0.2V).
3.
VIN, VOUT between VDD and VSS.


同様の部品番号 - FM21LD16-60-BGTR

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BGTR CYPRESS-FM21LD16-60-BGTR Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
More results

同様の説明 - FM21LD16-60-BGTR

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com