データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0400P-ZK-E2-AY データシート(PDF) 6 Page - Renesas Technology Corp

部品番号 N0400P-ZK-E2-AY
部品情報  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0400P-ZK-E2-AY データシート(HTML) 6 Page - Renesas Technology Corp

Back Button N0400P-ZK-E2-AY Datasheet HTML 2Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 3Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 4Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 5Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 6Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 7Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 8Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 9Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D19676EJ1V0DS
4
N0400P
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
0
-0.5
-1
-1.5
-2
-2.5
-3
VGS =
−4.5 V
Pulsed
−2.5 V
VDS - Drain to Source Voltage - V
-0.001
-0.01
-0.1
-1
-10
-100
0
-0.5
-1
-1.5
-2
-2.5
-3
VDS =
−10 V
Pulsed
Tch =
−55°C
−25°C
25
°C
75
°C
125
°C
150
°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
-0.5
-1
-1.5
-2
-2.5
-3
-75
-25
25
75
125
175
VDS =
−10 V
ID =
−1 mA
Tch - Channel Temperature -
°C
0.1
1
10
100
-0.1
-1
-10
-100
VDS =
−10 V
Pulsed
Tch =
−55°C
−25°C
25
°C
75
°C
125
°C
150
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
10
20
30
40
50
60
70
80
-0.1
-1
-10
-100
Pulsed
VGS =
−2.5 V
−4.5 V
ID - Drain Current - A
0
10
20
30
40
50
60
70
80
0
-2
-4-6-8
-10
-12
Pulsed
ID =
−12 A
−7.5 A
−3 A
VGS - Gate to Source Voltage - V


同様の部品番号 - N0400P-ZK-E2-AY

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
N0400P-ZK-E2-AY RENESAS-N0400P-ZK-E2-AY Datasheet
232Kb / 9P
   N0400P
N0400P-ZK-E2-AYNote RENESAS-N0400P-ZK-E2-AYNote Datasheet
232Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
More results

同様の説明 - N0400P-ZK-E2-AY

メーカー部品番号データシート部品情報
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com