データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1135M データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LA1135M
部品情報  AM Tuner System for Car Radios and Home Stereos
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1135M データシート(HTML) 5 Page - Sanyo Semicon Device

  LA1135M Datasheet HTML 1Page - Sanyo Semicon Device LA1135M Datasheet HTML 2Page - Sanyo Semicon Device LA1135M Datasheet HTML 3Page - Sanyo Semicon Device LA1135M Datasheet HTML 4Page - Sanyo Semicon Device LA1135M Datasheet HTML 5Page - Sanyo Semicon Device LA1135M Datasheet HTML 6Page - Sanyo Semicon Device LA1135M Datasheet HTML 7Page - Sanyo Semicon Device LA1135M Datasheet HTML 8Page - Sanyo Semicon Device LA1135M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Test Circuit 2
VCC =8 V, fr = 1 MHz, fm = 400 Hz
DC voltmeter
Detection output
Probe load open
Distortion meter
Coil
T1
YT-30202
(Mitsumi)
T2
YT-30018
(Mitsumi)
T3
CFMA-021A
(Toko)
T4
YT-30007
(Mitsumi)
T5
YT-30008
(Mitsumi)
Varactor diode
SVC321
(Sanyo)
Narrow-band filter
BFU450CN
(Murata)
Unit (resistance:
Ω, capacitance: F)
LA1135, 1135M
No. 1272-5/18


同様の部品番号 - LA1135M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1136 SANYO-LA1136 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136NM SANYO-LA1136NM Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1137 SANYO-LA1137 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
More results

同様の説明 - LA1135M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com