データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0103MN0 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 Z0103MN0
部品情報  4Q Triac Direct interfacing to logic level ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MN0 データシート(HTML) 9 Page - NXP Semiconductors

Back Button Z0103MN0 Datasheet HTML 5Page - NXP Semiconductors Z0103MN0 Datasheet HTML 6Page - NXP Semiconductors Z0103MN0 Datasheet HTML 7Page - NXP Semiconductors Z0103MN0 Datasheet HTML 8Page - NXP Semiconductors Z0103MN0 Datasheet HTML 9Page - NXP Semiconductors Z0103MN0 Datasheet HTML 10Page - NXP Semiconductors Z0103MN0 Datasheet HTML 11Page - NXP Semiconductors Z0103MN0 Datasheet HTML 12Page - NXP Semiconductors Z0103MN0 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Z0103MN0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
9 of 15
NXP Semiconductors
Z0103MN0
4Q Triac
Fig 13. Normalized critical rate of rise of off-state voltage as a function of junction temperature; typical values
Fig 14. Normalized holding current as a function of junction temperature
1.6
1.2
0.8
0.4
0
A
0
50
100
150
Tj (°C)
003aaa208
Tj (°C)
−50
150
100
0
50
003aaa204
1
2
3
0
IH(25°C)
IH


同様の部品番号 - Z0103MN0

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
Z0103MN0 WEEN-Z0103MN0 Datasheet
253Kb / 14P
   4Q Triac
More results

同様の説明 - Z0103MN0

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com