データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1145M データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LA1145M
部品情報  FM IF System (Quadrature Detector) for Car Radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1145M データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LA1145M Datasheet HTML 7Page - Sanyo Semicon Device LA1145M Datasheet HTML 8Page - Sanyo Semicon Device LA1145M Datasheet HTML 9Page - Sanyo Semicon Device LA1145M Datasheet HTML 10Page - Sanyo Semicon Device LA1145M Datasheet HTML 11Page - Sanyo Semicon Device LA1145M Datasheet HTML 12Page - Sanyo Semicon Device LA1145M Datasheet HTML 13Page - Sanyo Semicon Device LA1145M Datasheet HTML 14Page - Sanyo Semicon Device LA1145M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Soft Mute Characteristics
1.
Control
The S/N setting (C/N) for weak inputs and the –3 dB limiting sensitivity can be controlled by obtaining the proper value for
the un-soft muted input/output signal characteristic. However, usable sensitivity cannot be controlled as this is determined by
the front end and IF design which are unrelated to soft muting.
2.
Soft mute setting
Soft mute operation depends on the S-meter circuit voltage and the hole
detection circuit voltage. As shown in the graph on the right, the degree
of soft muting correlates with the mute drive voltage, V15. The control
signal line of the mute drive voltage switches before and after the
10 dBµ ANT divergence point.
When adjusting the soft mute with a weak signal which does not affect
the S-meter, first adjust it using the hole detection input signal. However,
as the S-meter output will readjust the soft mute level, also adjust the
soft mute using the S-meter output. At this point, the hole detection
output adjusts the gain up to the IF input, causing a variance. Also, the
S-meter output is varied by the value of R16.
The LA1145 differs from the LA1140 in that it works with the internal
soft mute circuit continuously engaged.
3.
Soft mute transition response characteristic
The degree of soft muting automatically varies according to the change in input field strength. Omitting the influence of the
front end wideband AGC circuit, the LA1145’s response speed is dependent on the time constant at pins 15 and 16.
Hole detector
S-meter
(Adjust R4, R5)
ANT input level (dBµ)
I/O Characteristics (RCT =0 Ω)
IF input level, – dBµ
Mute Driver Voltage Characteristics
IF input level – dBµ
I/O Characteristics (Mute Start Point)
ANT input level – dBµ
I/O Characteristics (Mute Gradient)
ANT input level – dBµ
LA1145, 1145M
No. 2725-11/17


同様の部品番号 - LA1145M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
ON Semiconductor
LA1140-E ONSEMI-LA1140-E Datasheet
151Kb / 3P
   3Q2013 Product Discontinuance Notice
Rev. 20-Nov-2012
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
More results

同様の説明 - LA1145M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
NTE Electronics
NTE1541 NTE-NTE1541 Datasheet
70Kb / 2P
   Integrated Circuit FM IF Amp & Detector for Car Radio
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com