データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1178 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA1178
部品情報  FM Front End for Car Radio, Home Radio-Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1178 データシート(HTML) 1 Page - Sanyo Semicon Device

  LA1178 Datasheet HTML 1Page - Sanyo Semicon Device LA1178 Datasheet HTML 2Page - Sanyo Semicon Device LA1178 Datasheet HTML 3Page - Sanyo Semicon Device LA1178 Datasheet HTML 4Page - Sanyo Semicon Device LA1178 Datasheet HTML 5Page - Sanyo Semicon Device LA1178 Datasheet HTML 6Page - Sanyo Semicon Device LA1178 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LA1178M
Ordering number : EN2712A
FM Front End for Car Radio, Home Radio-Use
Monolithic Linear IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
93097HA (KT)/5099YT/N137KI, TS No.2712-1/7
Functions
• Double end type mixer
• Oscillator
• Oscillator buffer
• Wide-band AGC circuit
• IF amplifier
Features
• Excellent intermodulation characteristic (wide-band AGC
circuit)
• On-chip local oscillation buffer for electronic tuning.
Package Dimensions
unit: mm
3086-MFP10
[LA1178M]
SANYO: MFP10
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pins 2, 3, 10
10
V
Allowable power dissipation
Pd max
Ta
≤75°C
440
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
8V
Operating voltage range
VCC op
8 to 9
V
Electrical Characteristics at Ta=25°C, VCC=8V, fim=88MHz, See specified Test Circuit.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Quiescent current
ICCO
No input
21
26
31
mA
AGC high-level voltage
VAGC-H
0dBµ, pin 4
7.7
8.0
V
AGC low-level voltage
VAGC-L
100dBµ, pin 4
0.07
0.3
V
AGC mixer input
VIN AGC
VAGC≤2V, Pin 4
67
74
81
dBµ
IF saturation output voltage
VIF-max
110dBµ
108
112
116
dBµ
Input limiting voltage
Vlim
81
88
95
dBµ
Voltage gain
VG
65dBµ
84
88
92
dBµ
Local OSC output voltage
VOSC
No input, 75
Ω termination
80
84
88
dBµ
Note) Extreme caution should be exercised when applying voltage across pin 10 and 3 as dielectric breakdown may occur.


同様の部品番号 - LA1178

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1175 SANYO-LA1175 Datasheet
778Kb / 14P
   FM Front End For Car Radio, Home Stereo Applications
LA1175M SANYO-LA1175M Datasheet
778Kb / 14P
   FM Front End For Car Radio, Home Stereo Applications
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
More results

同様の説明 - LA1178

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
LA1175 SANYO-LA1175 Datasheet
778Kb / 14P
   FM Front End For Car Radio, Home Stereo Applications
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
Sanyo Semicon Device
LA1185 SANYO-LA1185 Datasheet
80Kb / 5P
   FM Front-end for Radio-cassette Recorder, Home Stereo Applications
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
logo
Panasonic Semiconductor
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
   FM FRONT END CIRCUIT FOR RADIO
logo
List of Unclassifed Man...
AN7203 ETC1-AN7203 Datasheet
97Kb / 4P
   FM FRONT-END IC FOR RADIO, RADIO CASSETTE RECORDER
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com