データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBVSPA017LN1TAG データシート(PDF) 6 Page - ON Semiconductor

部品番号 NBVSPA017LN1TAG
部品情報  3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSPA017LN1TAG データシート(HTML) 6 Page - ON Semiconductor

  NBVSPA017LN1TAG Datasheet HTML 1Page - ON Semiconductor NBVSPA017LN1TAG Datasheet HTML 2Page - ON Semiconductor NBVSPA017LN1TAG Datasheet HTML 3Page - ON Semiconductor NBVSPA017LN1TAG Datasheet HTML 4Page - ON Semiconductor NBVSPA017LN1TAG Datasheet HTML 5Page - ON Semiconductor NBVSPA017LN1TAG Datasheet HTML 6Page - ON Semiconductor NBVSPA017LN1TAG Datasheet HTML 7Page - ON Semiconductor NBVSPA017LN1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NBVSPA015 Series
http://onsemi.com
6
Table 9. ORDERING INFORMATION
Device
Output Frequency (MHz)
Package
Shipping
5.0 x 7.0 x 1.8 mm
NBVSPA017LN1TAG
156.2500
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA018LN1TAG
155.5200
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA024LN1TAG
160.0000
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA015LN1TAG
200.0000
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA027LN1TAG
148.5000
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA019LN1TAG
125.0000
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA042LN1TAG
74.2500
CLCC−6, Pb−Free
1000 / Tape & Reel
3.2 x 5.0 x 1.2 mm
NBVSPA017LU1TAG*
156.2500
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA018LU1TAG*
155.5200
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA024LU1TAG*
160.0000
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA015LU1TAG*
200.0000
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA027LU1TAG*
148.5000
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA019LU1TAG*
125.0000
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSPA042LU1TAG*
74.2500
CLCC−6, Pb−Free
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and Reel Packaging
Specification Brochure, BRD8011/D
*Consult factory for availability.


同様の部品番号 - NBVSPA017LN1TAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
More results

同様の説明 - NBVSPA017LN1TAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSBA011LN1TAG ONSEMI-NBVSBA011LN1TAG Datasheet
133Kb / 8P
   2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
June, 2010 ??Rev. 0
logo
Pletronics, Inc.
VLU7029036EG000050 PLETRONICS-VLU7029036EG000050 Datasheet
136Kb / 8P
   3.3 V LVDS VCXO Oscillators
VLB7029036EG000050 PLETRONICS-VLB7029036EG000050 Datasheet
145Kb / 8P
   3.3 V LVDS VCXO Oscillators
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
logo
ECM Electronics Limited...
ECV20 ECM-ECV20 Datasheet
60Kb / 1P
   VCXO Voltage Controlled Oscillator
logo
ON Semiconductor
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com