データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBVSPA018LN1TAG データシート(PDF) 8 Page - ON Semiconductor

部品番号 NBVSPA018LN1TAG
部品情報  3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSPA018LN1TAG データシート(HTML) 8 Page - ON Semiconductor

  NBVSPA018LN1TAG Datasheet HTML 1Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 2Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 3Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 4Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 5Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 6Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 7Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NBVSPA015 Series
http://onsemi.com
8
PACKAGE DIMENSIONS
6 PIN CLCC, 7x5, 2.54P
CASE 848AB−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
0.15 C
TERMINAL 1
INDICATOR
TOP VIEW
A
A1
A3
0.10 C
C SEATING
PLANE
SIDE VIEW
L
6X
1
2
5
6
D3
DIM
A
MIN
NOM
MAX
MILLIMETERS
1.70
1.80
1.90
A1
0.70 REF
b
1.30
1.40
1.50
D1
6.17
6.20
6.23
D2
6.66
6.81
6.96
E1
4.37
4.40
4.43
R
0.70 REF
L
1.17
1.27
1.37
A2
0.36 REF
A3
0.08
0.10
0.12
D
7.00 BSC
D3
5.08 BSC
E
5.00 BSC
E2
4.65
4.80
4.95
E3
3.49 BSC
e
2.54 BSC
D1
E1
D2
E2
A2
3
4
E3
R
4X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
PITCH
2.54
1.50
6X
5.06
1.50
6X
DIMENSION: MILLIMETERS
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NBVSPA015/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


同様の部品番号 - NBVSPA018LN1TAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
More results

同様の説明 - NBVSPA018LN1TAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSBA011LN1TAG ONSEMI-NBVSBA011LN1TAG Datasheet
133Kb / 8P
   2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
June, 2010 ??Rev. 0
logo
Pletronics, Inc.
VLU7029036EG000050 PLETRONICS-VLU7029036EG000050 Datasheet
136Kb / 8P
   3.3 V LVDS VCXO Oscillators
VLB7029036EG000050 PLETRONICS-VLB7029036EG000050 Datasheet
145Kb / 8P
   3.3 V LVDS VCXO Oscillators
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
logo
ECM Electronics Limited...
ECV20 ECM-ECV20 Datasheet
60Kb / 1P
   VCXO Voltage Controlled Oscillator
logo
ON Semiconductor
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com