データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1650 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA1650
部品情報  Time Code Reception ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1650 データシート(HTML) 2 Page - Sanyo Semicon Device

  LA1650 Datasheet HTML 1Page - Sanyo Semicon Device LA1650 Datasheet HTML 2Page - Sanyo Semicon Device LA1650 Datasheet HTML 3Page - Sanyo Semicon Device LA1650 Datasheet HTML 4Page - Sanyo Semicon Device LA1650 Datasheet HTML 5Page - Sanyo Semicon Device LA1650 Datasheet HTML 6Page - Sanyo Semicon Device LA1650 Datasheet HTML 7Page - Sanyo Semicon Device LA1650 Datasheet HTML 8Page - Sanyo Semicon Device LA1650 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
No. 6310-2/14
LA1650, 1650C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Overall Characteristics]
Current drain
ICCO
No input
400
540
680
µA
Operating current
ICC
fIN = 40 kHz, VIN = 10 dBµV
370
510
650
µA
Standby current
ISTB
With the pin 5 (pad 5) voltage at 0 V
0.1
1.0
µA
[Amplifier Input Characteristics]
Input impedance
ZI
1pin (PAD1)
450
k
Input frequency range
FIN
37.5
80.0
kHz
Minimum input voltage
VIN min
Pin 1 (pad 1) input
1
µVrms
Maximum input voltage
VIN max
Pin 1 (pad 1) input
100
mVrms
[Amplifier Output Characteristics] With pin 1 (pad 1) as the input pin, fIN = 40 kHz
Output voltage (1)
VO1
No input, the pin 11 output
10
20
34
mVrms
Output voltage (2)
VO2VIN = 10 dBµV, the pin 11 output
15
28
48
mVrms
Output voltage (3)
VO3VIN = 20 dBµV, the pin 11 output
25
40
62
mVrms
Output voltage (4)
VO4VIN = 80 dBµV, the pin 11 output
35
48
88
mVrms
[TCO Output Characteristics] With pin 1 (pad 1) as the input pin, fIN = 40 kHz
Output voltage (high)
VOH
No input
1.40
1.45
V
Output voltage (low)
VOLVIN = 10 dBµV
0.05
0.10
V
Output pulse width (500 ms input)
T500
VIN = 0 to 100 dBµV, AM modulation
480
500
650
ms
(1 Hz square wave, duty = 50%, 100% modulation)
Output pulse width (800 ms input)
T800
VIN = 0 to 100 dBµV, AM modulation
750
800
970
ms
(1 Hz square wave, duty = 80%, 100% modulation)
Output pulse width (200 ms input)
T200
VIN = 0 to 100 dBµV, AM modulation
180
200
400
ms
(1 Hz square wave, duty = 20%, 100% modulation)
Operating Characteristics at Ta = 25°C, VCC = 1.5 V, with the pin 5 used as VCC, in the specified test circuit,
unless otherwise specified. Values in parentheses refer to the LA1650C. (Using the Yamaichi Electronics IC37N-
1803 socket.)


同様の部品番号 - LA1650

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
logo
LIGITEK electronics co....
LA165B-R-4SRG.X-AS-PF LIGITEK-LA165B-R-4SRG.X-AS-PF Datasheet
125Kb / 7P
   LED ARRAY
LA165B-R-4SRG.X-PF LIGITEK-LA165B-R-4SRG.X-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

同様の説明 - LA1650

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
   Time Code Receiver
logo
Agilent(Hewlett-Packard...
HBCR-2210 HP-HBCR-2210 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
   Real Time Video Processor ICs
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
   Longwave Time Code RF Receiver LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com