データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1650 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA1650
部品情報  Time Code Reception ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1650 データシート(HTML) 3 Page - Sanyo Semicon Device

  LA1650 Datasheet HTML 1Page - Sanyo Semicon Device LA1650 Datasheet HTML 2Page - Sanyo Semicon Device LA1650 Datasheet HTML 3Page - Sanyo Semicon Device LA1650 Datasheet HTML 4Page - Sanyo Semicon Device LA1650 Datasheet HTML 5Page - Sanyo Semicon Device LA1650 Datasheet HTML 6Page - Sanyo Semicon Device LA1650 Datasheet HTML 7Page - Sanyo Semicon Device LA1650 Datasheet HTML 8Page - Sanyo Semicon Device LA1650 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Chip Specifications (LA1650C)
No. 6310-3/14
LA1650, 1650C
Pad Coordinates (LA1650C)
Note: The origin (0, 0) is taken to be the left lower corner in the metal pattern figure on the next page.
The pad coordinates are the values of the coordinates of the center of the pad.
PAD
Pad
Symbol
X-axis
Y-axis
P1
Amplifier (1) input
INPUT
585
1914
P2
AGC
AGC2
385
1914
P3
AGC1
154
1734
P4
VCC
VCC
158
1410
P5
Standby mode
PON
154
1221
P6
Amplifier (1) output
AMP1_OUT1
154
711
P7
AMP1_OUT2
164
201
P8
Amplifier (2) input
AMP2_IN1
397
154
P9
AMP2_IN2
597
154
P10
Amplifier (2) output
AMP2_OUT2
864
154
P11
AMP2_OUT1
1086
154
P12
REC input
REC_IN1
1264
361
P13
REC_IN2
1264
531
P14
REC output
REC_OUT1
1264
701
P15
DEC input
DEC_IN1
1264
1455
P16
DEC output
TCO
1264
1625
P17
GND
GND
1113
1914
P18
REG
REG
849
1914
Chip size
1.41
× 2.06
mm2
Chip thickness
330 (±20)
µm
Pad size
140
× 140
µm2
Pad opening
115
× 115
µm2


同様の部品番号 - LA1650

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
logo
LIGITEK electronics co....
LA165B-R-4SRG.X-AS-PF LIGITEK-LA165B-R-4SRG.X-AS-PF Datasheet
125Kb / 7P
   LED ARRAY
LA165B-R-4SRG.X-PF LIGITEK-LA165B-R-4SRG.X-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

同様の説明 - LA1650

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
   Time Code Receiver
logo
Agilent(Hewlett-Packard...
HBCR-2210 HP-HBCR-2210 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
   Real Time Video Processor ICs
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
   Longwave Time Code RF Receiver LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com