データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4109D2B データシート(PDF) 1 Page - Seme LAB

部品番号 1N4109D2B
部品情報  SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4109D2B データシート(HTML) 1 Page - Seme LAB

  1N4109D2B Datasheet HTML 1Page - Seme LAB 1N4109D2B Datasheet HTML 2Page - Seme LAB 1N4109D2B Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON
ZENER DIODE
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8856
Issue 1
Page 1 of 3
1N4109D2A / 1N4109D2B
VZ = 15V
Low Noise
Standard ±5% Zener Voltage Tolerance
Hermetic Ceramic Package Designed as a Drop-In Replacement
for “D-5A”/”B-MELF” Package.
Space Level and High-Reliability Screening Options Available
Low Leakage
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
PT
Total Power Dissipation at
TA = 25°C
250mW
TJ
Junction Temperature Range
-65 to +200°C
TSTG
Storage Temperature Range
-65 to +200°C
TSP
Maximum Soldering Pad Temperature for 20s
300°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
VZ
Zener Voltage
IZT = 250µA
14.25
15
15.75
V
ZZT
Maximum Zener Impedance
IZT = 250µA
100
IR
Reverse Leakage Current
VR = 11.4V
0.05
µ
A
ND
Noise Density
IZT = 250µA
40
Hz
V
µ
IZM
Zener Current
16.3
mA


同様の部品番号 - 1N4109D2B

メーカー部品番号データシート部品情報
logo
TT Electronics.
1N4109D2B TTELEC-1N4109D2B Datasheet
204Kb / 3P
   250mW SILICON ZENER DIODE
More results

同様の説明 - 1N4109D2B

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N4954 EIC-1N4954 Datasheet
131Kb / 2P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
M/A-COM Technology Solu...
1N957BUR-1 MA-COM-1N957BUR-1 Datasheet
709Kb / 5P
   Silicon Zener Diode Series
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com