データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M4T32-BR12SH データシート(PDF) 6 Page - STMicroelectronics

部品番号 M4T32-BR12SH
部品情報  TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T32-BR12SH データシート(HTML) 6 Page - STMicroelectronics

Back Button M4T32-BR12SH Datasheet HTML 2Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 3Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 4Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 5Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 6Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 7Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 8Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 9Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Maximum ratings
M4T28-BR12SH, M4T32-BR12SH
6/16
2
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
program and other relevant quality documents.
Table 2.
Absolute maximum ratings
Caution:
Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets.
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature
Grade 1
0 to 70
°C
Grade 6(1)
1.
Only the M4T32-BR12SH is available in industrial temperature (grade 6).
–40 to 85
°C
TSTG
Storage temperature (VCC off, oscillator off)
–40 to 85
°C


同様の部品番号 - M4T32-BR12SH

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
logo
ARTSCHIP ELECTRONICS CO...
M4T32-BR12SH ARTSCHIP-M4T32-BR12SH Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
STMicroelectronics
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
More results

同様の説明 - M4T32-BR12SH

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_09 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
   5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com