データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM117-220M データシート(PDF) 1 Page - Seme LAB

部品番号 LM117-220M
部品情報  POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM117-220M データシート(HTML) 1 Page - Seme LAB

  LM117-220M Datasheet HTML 1Page - Seme LAB LM117-220M Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LM117-220M
LM117SMD9
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
prelim. 5/00
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR IN
TO 220 METAL AND
CERAMIC SURFACE MOUNT
PACKAGES
VI–O
Input - Output Differential Voltage
– Standard
– HV Series
IO
Output Current
PD
Power Dissipation
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature
40V
60V
Internally limited
Internally limited
–55 to 150°C
–65 to 150°C
MECHANICAL DATA
Dimensions in mm
Pin 1 - Adjust
Pin 2 - Output
Pin 3 - Input
TO220M
-TO220 Metal Package - Isolated
SMD1
- SMD1Ceramic Surface Mount Package
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
2. 54
BSC
10. 6
3. 6
Dia.
0. 8
4. 6
1. 0
2. 70
BS C
12 3
3. 60 ( 0 . 142)
Ma x .
3. 70 ( 0 . 146)
3. 41 ( 0 . 134)
3. 70 ( 0 . 146)
3. 41 ( 0 . 134)
0. 89
(0 . 0 3 5 )
mi n .
9. 67 ( 0 . 381)
9. 38 ( 0 . 369)
11. 58 ( 0. 456)
11. 28 ( 0. 444)
0. 50 ( 0 . 020)
0. 26 ( 0 . 010)
!
FEATURES
• HERMETIC TO220 METAL OR CERAMIC
SURFACE MOUNT PACKAGES
• SCREENING OPTIONS AVAILABLE
• ALL LEADS ISOLATED FROM CASE(METAL PACKAGE)
• OUTPUT VOLTAGE RANGE OF 1.25 TO 37V
(1.25 TO 57V FOR -HV VERSION)
• OUTPUT CURRENT IN EXCESS OF 1.5A
• 0.1% LINE AND LOAD REGULATION
• FLOATING OPERATION FOR HIGH VOLTAGES
• COMPLETE SERIES OF PROTECTIONS:
• CURRENT LIMITING
• THERMAL SHUTDOWN
• SOA CONTROL
• 1% VOLTAGE TOLERANCE OPTION


同様の部品番号 - LM117-220M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
99Kb / 11P
   1.2V TO 37V VOLTAGE REGULATOR
logo
Seme LAB
LM117 SEME-LAB-LM117 Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
More results

同様の説明 - LM117-220M

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com