データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1083HN データシート(PDF) 1 Page - Seme LAB

部品番号 LM1083HN
部品情報  7.5 AMP LOW DROPOUT POSITIVE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM1083HN データシート(HTML) 1 Page - Seme LAB

  LM1083HN Datasheet HTML 1Page - Seme LAB LM1083HN Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Internally Limited
35V
-55°C to + 150°C
-65°C to + 150°C
300°C
2.75°C/W
2.3°C/W
5.0A
LM1083HN
02/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
MECHANICAL DATA
Dimensions in mm
12
3
17.65 (0.695)
17.39 (0.685)
4.19 (0.165)
3.94 (0.155)
Dia.
1.65 (0.065)
1.39 (0.055)
Typ.
5.08 (0.200)
BSC
3.56 (0.140)
BSC
1.14 (0.707)
0.88 (0.035)
6.86 (0.270)
6.09 (0.240)
7.5 AMP LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR IN
TO258 HERMETIC PACKAGE
FEATURES
• Adjustable Output Voltage
• Output Voltage Tolerance ±1%
• Hermetic Isolated TO258
• Built in Thermal Overload Protection
• Short Circuit Current Limit
• Low Dropout Voltage
• Screening Options Available
TO–258 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS @25°C
Pin 1– Adjust
Pin 2 – Vout
Pin 3 – Vin
Power Dissipation (Pd)
Input - Output Voltage Differential
Operating Junction Temperature Range
Storage Temperature Range
Lead Temperature (Soldering 10 seconds)
Thermal Resistance:
qjc (Isolated)
qjc (Non-Isolated)
Maximum Output Current
The LM1083HN low drop positive adjustable
regulator is designed to provide 7.5A with
higher efficiency than a standard device. All
internal circuitry is designed to operate
down to 1V input/output differential.


同様の部品番号 - LM1083HN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Linear Technology
LM108 LINER-LM108 Datasheet
451Kb / 8P
   Operational Amplifiers?
LM108 LINER-LM108 Datasheet
141Kb / 4P
   Operational Amplifier
logo
Intersil Corporation
LM108 INTERSIL-LM108 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Rochester Electronics
LM108 ROCHESTER-LM108 Datasheet
337Kb / 4P
   OPERATIONAL AMPLIFIER Industry Part Number LM108
More results

同様の説明 - LM1083HN

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Seme LAB
LM1085-220M SEME-LAB-LM1085-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1084HN SEME-LAB-LM1084HN Datasheet
36Kb / 2P
   5 AMP LOW DROPOUT POSITIVE
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
logo
List of Unclassifed Man...
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
logo
Semtech Corporation
EZ1083 SEMTECH-EZ1083 Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
   4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585B SEMTECH-EZ1585B Datasheet
69Kb / 4P
   5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1588 SEMTECH-EZ1588 Datasheet
97Kb / 4P
   2.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com