データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084HN データシート(PDF) 1 Page - Seme LAB

部品番号 LM1084HN
部品情報  5 AMP LOW DROPOUT POSITIVE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM1084HN データシート(HTML) 1 Page - Seme LAB

  LM1084HN Datasheet HTML 1Page - Seme LAB LM1084HN Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Internally Limited
35V
-55°C to + 150°C
-65°C to + 150°C
300°C
2.75°C/W
2.3°C/W
5.0A
LM1084HN
02/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
MECHANICAL DATA
Dimensions in mm
12
3
17.65 (0.695)
17.39 (0.685)
4.19 (0.165)
3.94 (0.155)
Dia.
1.65 (0.065)
1.39 (0.055)
Typ.
5.08 (0.200)
BSC
3.56 (0.140)
BSC
1.14 (0.707)
0.88 (0.035)
6.86 (0.270)
6.09 (0.240)
5 AMP LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR IN
TO258 HERMETIC PACKAGE
FEATURES
• Ajustable Output Voltage
• Output Voltage Tolerance ±1%
• Hermetic Isolated TO258
• Built in Thermal Overload Protection
• Short Circuit Current Limit
• Low Dropout Voltage
• Screening Options Available
TO–258 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS @25°C
Pin 1– Adjust
Pin 2 – Vout
Pin 3 – Vin
Power Dissipation (Pd)
Input - Output Voltage Differential
Operating Junction Temperature Range
Storage Temperature Range
Lead Temperature (Soldering 10 seconds)
Thermal Resistance:
qjc (Isolated)
qjc (Non-Isolated)
Maximum Output Current
The LM1084HN low drop positive adjustable
regulator is designed to provide 5A with
higher efficiency than a standard device. All
internal circuitry is designed to operate
down to 1V input/output differential.


同様の部品番号 - LM1084HN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
More results

同様の説明 - LM1084HN

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LM1085-220M SEME-LAB-LM1085-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1083HN SEME-LAB-LM1083HN Datasheet
35Kb / 2P
   7.5 AMP LOW DROPOUT POSITIVE
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
logo
Semtech Corporation
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
   4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585B SEMTECH-EZ1585B Datasheet
69Kb / 4P
   5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1588 SEMTECH-EZ1588 Datasheet
97Kb / 4P
   2.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
Semtech Corporation
EZ1584C SEMTECH-EZ1584C Datasheet
89Kb / 5P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com