データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084M データシート(PDF) 4 Page - Seme LAB

部品番号 LM1084M
部品情報  5 AMP POSITIVE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM1084M データシート(HTML) 4 Page - Seme LAB

  LM1084M Datasheet HTML 1Page - Seme LAB LM1084M Datasheet HTML 2Page - Seme LAB LM1084M Datasheet HTML 3Page - Seme LAB LM1084M Datasheet HTML 4Page - Seme LAB LM1084M Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L
M1084M
MILITARY VERSION
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is
believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in
its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6386
Issue 1
VO 4
Output Voltage
VREF 4
Reference Voltage
REG(LINE) 4
Line Regulation
REG(LOAD) 4 Load Regulation
VD
Dropout Voltage
ICL
Current Limit
IQ
Quiescent Current
REG(THERM) Thermal Regulation
IPIN
Adjust Pin Current
ΔIPIN
Adjust Pin Current Change
TS
Temperature Stability
IO
Minimum Load Current
VN
RMS Output Noise 5
RA
Ripple Rejection Ratio 6
VIN – VOUT = 6.3V
IO = 10mA
IO = 10mA to 5A
TJ = Over Temp 3
VIN – VOUT = 8V
IO = 10mA
IO = 10mA to 5A
TJ = Over Temp 3
VIN – VOUT = 15V
IO = 10mA
IO = 10mA to 5A
TJ = Over Temp 3
VIN – VOUT = VO + 3V
IO = 10mA
IO = 10mA to 5A
TJ = Over Temp 3
VIN – VOUT = 1.5 to 15V
TJ = 25°C
IO = 10mA
TJ = Over Temp 3
VIN – VOUT = 1.5 to 35V
IO = 10mA
TJ = Over Temp 3
VIN – VOUT = 3V
TJ = 25°C
VIN – VOUT = 3V
TJ = Over Temp 3
ΔVOUT , ΔVREF = 1%
TJ = Over Temp 3
VIN – VOUT = 5V
TJ = Over Temp 3
VIN – VOUT = 25V
TJ = Over Temp 3
VIN – VOUT = 35V
TJ = Over Temp 3
tp = 30ms
TJ = 25°C
TJ = 25°C
TJ = Over Temp 3
TJ = Over Temp 3
VIN – VOUT = 5V
IO = 0.5A
TJ = Over Temp 3
VIN – VOUT = 25V
IO = 0.5A
TJ = Over Temp 3
TJ = 25°C
VIN – VOUT = 3V
IO = 3A
TJ = Over Temp 3
3.267
3.3
3.333
3.234
3.3
3.366
4.95
5
5.05
4.90
5
5.10
11.88
12
12.12
11.76
12
12.24
1.231
1.25
1.268
1.219
1.25
1.281
0.015
0.2
0.035
0.05
0.5
0.7
1.25
0.8
1.65
1.3
1.5
5.5
6.5
0.3
0.6
10
0.002
0.01
55
120
0.2
5
0.5
510
0.003
60
75
3.3
5
12
ADJ.
Output
Parameter
Voltage Test Conditions 1,2
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS
(TJ = 25°C Unless otherwise stated)
V
V
%
%
%
V
A
mA
% / W
μA
μA
%
mA
%VO
dB
1.
Test Conditions unless otherwise stated:
VIN = 1.5 to 35V, or Maximum Input, whichever is less.
IO = 10mA to 5A.
2.
These specifications are only applicable for power dissipations of 45 Watts over a limited range of VIN – VOUT.
3.
Over Temp. = Over specified Junction Temperature Range (See Absolute Maximum Ratings).
4.
Low duty cycle pulse test with Kelvin connections required. Changes in output voltage are covered under the specification
for thermal regulation.
5.
Bandwidth of 10Hz to 10kHz.
6.
120Hz input ripple, 15V = 64dB min. COUT (CADJ) = 25μF.
L
M1084MIG


同様の部品番号 - LM1084M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
More results

同様の説明 - LM1084M

メーカー部品番号データシート部品情報
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
   5 AMP POSITIVE VOLTAGE REGULATORS
logo
Seme LAB
LM1084HN SEME-LAB-LM1084HN Datasheet
36Kb / 2P
   5 AMP LOW DROPOUT POSITIVE
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Seme LAB
IP138A SEME-LAB-IP138A Datasheet
56Kb / 6P
   5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
   Positive Adjustable 5-Amp Voltage Regulator
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
   POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com