データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085-220M データシート(PDF) 3 Page - Seme LAB

部品番号 LM1085-220M
部品情報  LOW DROPOUT 3 AMP POSITIVE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM1085-220M データシート(HTML) 3 Page - Seme LAB

  LM1085-220M Datasheet HTML 1Page - Seme LAB LM1085-220M Datasheet HTML 2Page - Seme LAB LM1085-220M Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Prelim. 10/95
LM1085–220M–05
LM1085–05–220M
LM1085–12–220M
MILITARY VERSION
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ICL
Current Limit
IQ
Quiescent Current
Minimum Load Current 4
REG(THERM)
Thermal Regulation
RA
Ripple Rejection
IPIN
Adjust Pin Current
DI
PIN
Adjust Pin Current Change
TS
Temperature Stability
Long Term Stability
VN
RMS Output Noise
RqJC
Thermal Resistance
Junction – Case
Output
Parameter
Voltage Test Conditions
Min.
Typ. Max.
Unit
VIN – VOUT = 5V
TJ = –55 to 150°C
VIN – VOUT = 25V
TJ = –55 to 150°C
VIN £ 20V
TJ = –55 to 150°C
VIN £ 25V
TJ = –55 to 150°C
VIN – VOUT = 25V
TJ = –55 to 150°C
TP = 30ms
TA = 25°C
TJ = –55 to 150°CVIN = 8V
COUT = 25mF Tantalum VIN = 15V
f = 120Hz
VIN – VOUT = 3V
IO = 3A
CADJ = 25mF
TJ = –55 to 150°C
VIN – VOUT = 1.5 to 15V
IO = 10mA to 3A
TJ = –55 to 150°C
TJ = –55 to 150°C
TA = 125°C
T = 1000 Hrs
f = 10Hz to 10kHz
TA = 25°C
Control Circuitry
Power Transistor
3.2
4
0.2
0.5
510
510
510
0.004
0.02
60
68
54
60
60
75
55
120
0.2
5
0.5
0.3
1
0.003
TBA
TBA
5
12
ADJ.
5
12
ADJ.
ADJ.
ADJ.
ELECTRICAL CHARACTERISTICS
(TJ = –55 to +150°C unless otherwise stated)
A
mA
%/W
dB
mA
mA
%
%
%
°C/W
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output
lead
» 1/8” from the package.
2. Line and load regulation are guaranteed up to the maximum power dissipation of 30W. Power dissipation is determined
by the input - output differential and the output current. Guaranteed maximum power dissipation will not be available over
the full input - output voltage range.
3. Dropout voltage is specified over the full output current range of the device.


同様の部品番号 - LM1085-220M

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results

同様の説明 - LM1085-220M

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LM1083HN SEME-LAB-LM1083HN Datasheet
35Kb / 2P
   7.5 AMP LOW DROPOUT POSITIVE
LM1084HN SEME-LAB-LM1084HN Datasheet
36Kb / 2P
   5 AMP LOW DROPOUT POSITIVE
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
logo
List of Unclassifed Man...
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
   1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
Anaren Microwave
MSK5971RH ANAREN-MSK5971RH Datasheet
558Kb / 8P
   RAD HARD POSITIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
   4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com