データシートサーチシステム |
|
LM1085-220M データシート(PDF) 2 Page - Seme LAB |
|
LM1085-220M データシート(HTML) 2 Page - Seme LAB |
2 / 3 page Prelim. 10/95 LM1085–220M–05 LM1085–05–220M LM1085–12–220M MILITARY VERSION Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk VO Output Voltage VREF Reference Voltage REG(LINE) Line Regulation REG(LOAD) Load Regulation See notes 1,2 VD Dropout Voltage See note 3 Output Parameter Voltage Test Conditions Min. Typ. Max. Unit VIN = 6.5 to 20V IO = 0 to 3A TJ = –55 to 150°C VIN = 13.5V to 25V IO = 0 to 3A TJ = –55 to 150°C VIN – VOUT = 1.5 to 15V IO = 10mA to 3A TJ = –55 to 150°C VIN = 6.5 to 20V IO = 0 TJ = –55 to 150°C VIN = 13.5 to 25V IO = 0 TJ = –55 to 150°C VIN – VOUT = 1.5 to 15V ILOAD = 10mA TJ = –55 to 150°C VIN = 8V IO = 0 to 3A TJ = –55 to 150°C VIN = 15V IO = 0 to 3A TJ = –55 to 150°C VIN – VOUT = 3V IO = 10mA to 3A TJ = –55 to 150°C DVOUT = 50mV IOUT = 3A TJ = –55 to 150°C DVOUT = 120mV IOUT = 3A TJ = –55 to 150°C DVREF = 1% IOUT = 3A TJ = –55 to 150°C 4.90 5 5.10 11.76 12 12.24 1.225 1.25 1.270 0.5 10 110 125 225 0.015 0.2 0.035 0.2 520 10 35 12 36 24 72 0.1 0.3 0.2 0.4 1.3 1.5 1.3 1.5 1.3 1.5 5 12 ADJ. 5 12 ADJ. 5 12 ADJ. 5 12 ADJ. ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated) V mV % mV % V DESCRIPTION The LM1085 is designed to provide 3A with higher efficiency than currently available devices. All internal circuitry is designed to operate down to 1V input to output differential and the dropout voltage is fully specified as a function of load current. Dropout is guaranteed at a maximum of 1.5V at maximum output current, decreasing at lower load currents. On-chip trimming adjusts the reference output voltage to 1%. Current limit is also trimmed, minimising the stress on both the regulator and power source circuitry under overload conditions. The LM1085 is pin compatible with older 3 terminal adjustable regulators. A 10 m F output capacitor is required on these new devices; however, this is usually included in most regulator designs. Unlike PNP regulators, where up to 10% of the output current is wasted as quiescent current, the LM1085 quiescent current flows into the load, increasing efficiency. |
同様の部品番号 - LM1085-220M |
|
同様の説明 - LM1085-220M |