データシートサーチシステム |
|
LM1085M データシート(PDF) 2 Page - Seme LAB |
|
LM1085M データシート(HTML) 2 Page - Seme LAB |
2 / 3 page Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Prelim. 4/95 LM1085M MILITARY VERSION VO 4 Output Voltage VREF 4 Reference Voltage REG(LINE) 4 Line Regulation REG(LOAD) 4 Load Regulation VD Dropout Voltage ICL Current Limit IQ Quiescent Current REG(THERM) Thermal Regulation IPIN Adjust Pin Current DIPIN Adjust Pin Current Change TS Temperature Stability IO Minimum Load Current VN RMS Output Noise 5 RA Ripple Rejection Ratio 6 VIN – VOUT = 6.3V IO = 10mA IO = 10mA to 3A TJ = Over Temp 3 VIN – VOUT = 8V IO = 10mA IO = 10mA to 3A TJ = Over Temp 3 VIN – VOUT = 15V IO = 10mA IO = 10mA to 3A TJ = Over Temp 3 VIN – VOUT = VO + 3V IO = 10mA IO = 10mA to 3A TJ = Over Temp 3 VIN – VOUT = 1.5 to 15V TJ = 25°C IO = 10mA TJ = Over Temp 3 VIN – VOUT = 1.5 to 35V IO = 10mA TJ = Over Temp 3 VIN – VOUT = 3V TJ = 25°C VIN – VOUT = 3V TJ = Over Temp 3 DVOUT , DVREF = 1% TJ = Over Temp 3 VIN – VOUT = 5V TJ = Over Temp 3 VIN – VOUT = 25V TJ = Over Temp 3 VIN – VOUT = 35V TJ = Over Temp 3 tp = 30ms TJ = 25°C TJ = 25°C TJ = Over Temp 3 TJ = Over Temp 3 VIN – VOUT = 5V IO = 0.5A TJ = Over Temp 3 VIN – VOUT = 25V IO = 0.5A TJ = Over Temp 3 TJ = 25°C VIN – VOUT = 3V IO = 3A TJ = Over Temp 3 3.267 3.3 3.333 3.234 3.3 3.366 4.95 5 5.05 4.90 5 5.10 11.88 12 12.12 11.76 12 12.24 1.238 1.25 1.262 1.225 1.25 1.270 0.015 0.2 0.035 0.05 0.6 0.1 0.3 0.2 0.4 1.3 1.5 3.2 4.0 0.2 0.5 10 0.002 0.01 55 120 0.2 5 0.5 510 0.003 60 75 3.3 5 12 ADJ. Output Parameter Voltage Test Conditions 1,2 Min. Typ. Max. Unit ELECTRICAL CHARACTERISTICS (TJ = 25°C Unless otherwise stated) V V % % % V A mA % / W mA mA % mA %VO dB Notes 1. Test Conditions unless otherwise stated: VIN = 1.5 to 35V, or Maximum Input, whichever is less. IO = 10mA to 3A. 2. These specifications are only applicable for power dissipations of 30 Watts over a limited range of VIN – VOUT. 3. Over Temp. = Over specified Junction Temperature Range (See Absolute Maximum Ratings). 4. Low duty cycle pulse test with Kelvin connections required. Changes in output voltage are covered under the specification for thermal regulation. 5. Bandwidth of 10Hz to 10kHz. 6. 120Hz input ripple, 15V = 64dB min. COUT (CADJ) = 25mF. |
同様の部品番号 - LM1085M |
|
同様の説明 - LM1085M |