データシートサーチシステム |
|
LM1085IG データシート(PDF) 1 Page - Seme LAB |
|
LM1085IG データシート(HTML) 1 Page - Seme LAB |
1 / 3 page Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Prelim. 7/00 LM1085GMD LM1085IGDII LM1085SMD ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated) DEVICE(1) PACKAGE LM1085K–XX TO–3 LM1085G–XX TO–257 LM1085IG–XX Isolated TO–257 LM1085SMD–XX SMD1 DESCRIPTION The LM1085 voltage regulators are monolithic inte- grated circuits designed for use in applications requiring a well regulated positive output voltage with low input-output differential voltage. Features include full power usage of up to 3A load current, internal current limiting and thermal shutdown. Safe area protection on the die is also included, providing protection of the series pass Darlington transistor under most conditions. The hermetically sealed TO–3 packages are utilised for high reliablitiy and low thermal resistance, whilst the SMD1 package is designed for surface mount applications. Note 1) –XX = Voltage Option: 3.3, 5 or 12 –XX = Left blank for Adjustable Option. 3 AMP POSITIVE VOLTAGE REGULATOR VIN Input – Output Voltage Differential PD Power Dissipation RqJC Thermal Resistance Junction To Case TO–3 Control TO–3 Power RqJC Thermal Resistance Junction To Case SMD1 Control SMD1 Power RqJC Thermal Resistance Junction To Case TO–257 Control TO–257 Power TJ Operating Junction Temperature Range Control Power TSTG Storage Temperature Range TLEAD Lead Temperature (for 10 sec.) 35V Internally limited * 0.93°C / W 3.0°C / W 0.79°C / W 4.0°C / W 0.79°C / W 4.0°C / W –55 to 150°C –55 to 200°C –65 to 150°C 300°C FEATURES • Low Dropout Performance • Fixed or Adjustable Voltages • Fixed Output Voltages of 3.3V, 5V & 12V • Adjustable Output Voltage Range From 1.2V • Line Regulation 0.015% / V Typical. • Load Regulation 0.01% Typical. • Available in Hermetically Sealed TO–3, SMD1 and TO–257 (isolated & non-isolated) Packages. • Military Temperature Range (–55 to +150°C) INPUT SAFE AREA PROTECT ION TH E R M AL O V ER L O AD CU RR EN T LIMITING AMPLIFIER VOL T AGE REGUL ATION AMPLIFIER OU TPUT ADJUST LIMIT SEN SE V RE F * These ratings are only applicable for power dissipations of 30 Watts over a limited range of VIN – VOUT. |
同様の部品番号 - LM1085IG |
|
同様の説明 - LM1085IG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |