データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N1613L データシート(PDF) 1 Page - Seme LAB

部品番号 2N1613L
部品情報  Bipolar NPN Device in a Hermetically sealed TO5
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N1613L データシート(HTML) 1 Page - Seme LAB

  2N1613L Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N1613L
Bipolar NPN Device.
V
CEO =
50V
I
C = 0.5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
50
V
I
C(CONT)
0.5
A
h
FE
@ 10/0.15 (V
CE / IC)
40
120
-
f
t
70M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
20-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO5
Metal Package.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
38.00
(1.5)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO5 (TO205AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


同様の部品番号 - 2N1613L

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
2N1613L MICROSEMI-2N1613L Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
More results

同様の説明 - 2N1613L

メーカー部品番号データシート部品情報
logo
Seme LAB
2N3420AL SEME-LAB-2N3420AL Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
BCY54A SEME-LAB-BCY54A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
2S306A SEME-LAB-2S306A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
BFY50L SEME-LAB-BFY50L Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
CV10253L SEME-LAB-CV10253L Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
CV10254L SEME-LAB-CV10254L Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
2S307A SEME-LAB-2S307A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
CV12253L SEME-LAB-CV12253L Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
2N2219AL SEME-LAB-2N2219AL Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
2N2891LL SEME-LAB-2N2891LL Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com