データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD20015-E データシート(PDF) 1 Page - STMicroelectronics

部品番号 PD20015-E
部品情報  RF power transistor, LdmoST family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD20015-E データシート(HTML) 1 Page - STMicroelectronics

  PD20015-E Datasheet HTML 1Page - STMicroelectronics PD20015-E Datasheet HTML 2Page - STMicroelectronics PD20015-E Datasheet HTML 3Page - STMicroelectronics PD20015-E Datasheet HTML 4Page - STMicroelectronics PD20015-E Datasheet HTML 5Page - STMicroelectronics PD20015-E Datasheet HTML 6Page - STMicroelectronics PD20015-E Datasheet HTML 7Page - STMicroelectronics PD20015-E Datasheet HTML 8Page - STMicroelectronics PD20015-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2009
Doc ID 14005 Rev 2
1/16
16
PD20015-E
PD20015S-E
RF power transistor, LdmoST family
Features
Excellent thermal stability
Common source configuration
POUT = 15 W with 11 dB gain @ 2 GHz / 13.6 V
Plastic package
ESD protection
In compliance with the 2002/95/EC european
directive
Description
The PD20015-E is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broadband
commercial and industrial applications. It
operates at 13.6 V in common source mode at
frequencies of up to 1 GHz. PD20015-E boasts
the excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in the first true
SMD plastic RF power package, PowerSO-10RF.
PD20015-E’s superior linearity performance
makes it an ideal solution for mobile radio
applications.
The PowerSO-10 plastic package, designed to
offer high reliability, is the first ST JEDEC
approved, high power SMD package. It has been
specially optimized for RF needs and offers
excellent RF performances and ease of assembly.
Mounting recommendations are available in
www.st.com/ (look for application note AN1294)
Figure 1.
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
Table 1.
Device summary
Order codes
Package
Packing
PD20015-E
PowerSO-10RF (formed lead)
Tube
PD20015S-E
PowerSO-10RF (straight lead)
PD20015TR-E
PowerSO-10RF (formed lead)
Tape and reel
PD20015STR-E
PowerSO-10RF (straight lead)
www.st.com


同様の部品番号 - PD20015-E

メーカー部品番号データシート部品情報
logo
STMicroelectronics
PD20015C STMICROELECTRONICS-PD20015C Datasheet
155Kb / 9P
   RF power transistor, LdmoST family
More results

同様の説明 - PD20015-E

メーカー部品番号データシート部品情報
logo
STMicroelectronics
PD20015C STMICROELECTRONICS-PD20015C Datasheet
155Kb / 9P
   RF power transistor, LdmoST family
PD85035C STMICROELECTRONICS-PD85035C Datasheet
242Kb / 10P
   RF power transistor - LdmoST family
PD85025C STMICROELECTRONICS-PD85025C Datasheet
128Kb / 10P
   RF power transistor - LdmoST family
STAP57100 STMICROELECTRONICS-STAP57100 Datasheet
181Kb / 8P
   RF power transistor the LdmoST family
April 2009
PD84006L-E STMICROELECTRONICS-PD84006L-E Datasheet
299Kb / 16P
   RF power transistor, LDmoST plastic family
PD84001 STMICROELECTRONICS-PD84001 Datasheet
462Kb / 18P
   RF power transistor the LdmoST plastic family
August 2008 Rev 4
PD85004 STMICROELECTRONICS-PD85004 Datasheet
662Kb / 18P
   RF power transistor the LdmoST plastic family
PD55003L-E STMICROELECTRONICS-PD55003L-E Datasheet
200Kb / 19P
   RF POWER TRANSISTOR The LdmoST Plastic FAMILY
PD85006L-E STMICROELECTRONICS-PD85006L-E Datasheet
568Kb / 17P
   RF power transistor the LdmoST plastic family
PD84002 STMICROELECTRONICS-PD84002 Datasheet
584Kb / 16P
   RF power transistor The LdmoST plastic family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com